Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ5-CE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. DZ5-CE
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
DZ5 Cable Ends
Ordering Information
5
09/98
© 1998 Square D All Rights Reserved
a
American Wire Guage
q
UL Component Recognized (File E164872) provided the AT1PA2 crimping tool is used to crimp the cable end.
Single Conductor Cable Ends – Packaged in Individual Bag or Bag Strip (NF C 63-023)
Conductor
c.s.a. (mm2)
AWG
a
Color
Type
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
c1
0.25
26
Yellow
Short
2.2
1.2
11
6.2
1000 (10x100) DZ5-CE002L6
0.055 (0.121)
Medium
2.2
1.2
13
8.2
1000 (10x100) DZ5-CE002
0.060 (0.132)
0.34
24
Green
Short
2.2
1.2
11
6.2
1000 (10x100) DZ5-CE003L6
0.055 (0.121)
Medium
2.2
1.2
13
8.2
1000 (10x100) DZ5-CE003
0.060 (0.132)
0.5
22
White
Short
3
1.4
11
6.2
1000 (10x100) DZ5-CE005L6UL q
0.085 (0.187)
Medium
3
1.4
13
8.2
1000 (10x100) DZ5-CE005UL q
0.090 (0.198)
Long
3
1.4
16.8
12
1000 (10x100) DZ5-CE005L12
0.095 (0.209)
0.75
20
Blue
Short
3.1
1.6
11
6.2
1000 (10x100) DZ5-CE007L6UL q
0.095 (0.209)
Medium
3.1
1.6
13
8.2
1000 (10x100) DZ5-CE007UL q
0.100 (0.221)
1
18
Red
Short
3.4
1.8
11.5
6.2
1000 (10x100) DZ5-CE010L6 q
0.095 (0.209)
Medium
3.4
1.8
13.5
8.2
1000 (10x100) DZ5-CE010UL q
0.100 (0.221)
Long
3.4
1.8
16.8
12
1000 (10x100) DZ5-CE010L12 q
0.150 (0.331)
1.5
16
Black
Short
4
2.1
11.5
6.2
1000 (10x100) DZ5-CE015L6UL q
0.110 (0.243)
Medium
4
2.1
13.5
8.2
1000 (10x100) DZ5-CE015UL q
0.120 (0.265)
Long
4
2.1
22.8
17.7
1000 (10x100) DZ5-CE0153UL q
0.215 (0.474)
2
14
Yellow
Medium
4.2
2.35
14.5
8.2
1000 (10x100) DZ5-CE020
0.135 (0.298)
2.5
14
Grey
Medium
4.6
2.7
14.5
8.2
1000 (10x100) DZ5-CE025UL q
0.150 (0.331)
Long
4.6
2.7
24
17.7
1000 (10x100) DZ5-CE0253UL q
0.254 (0.560)
4
12
Orange Medium
5.5
3.3
17.3
9.8
1000 (10x100) DZ5-CE042
0.300 (0.662)
Long
5.5
3.3
25.5
17.5
1000 (10x100) DZ5-CE043
0.455 (1.003)
6
10
Green
Medium
7
3.95
20
11.5
100
DZ5-CE062
0.045 (0.099)
Long
7
3.95
26
17.5
100
DZ5-CE063
0.065 (0.143)
Single Conductor Cable Ends – Packaged in Dispensing Pack (NF C 63-023)
0.5
22
White
Medium
3
1.4
13
8.2
1000 (5x200)
AZ5-CE005
0.140 (0.309)
0.75
20
Blue
Medium
3.1
1.6
13
8.2
1000 (5x200)
AZ5-CE007
0.150 (0.331)
1
18
Red
Medium
3.4
1.8
13.5
8.2
1000 (5x200)
AZ5-CE010
0.165 (0.364)
1.5
16
Black
Medium
4
2.1
13.5
8.2
1000 (5x200)
AZ5-CE015
0.180 (0.397)
2.5
14
Grey
Medium
4.6
2.7
14.5
8.2
1000 (5x200)
AZ5-CE025
0.160 (0.353)
Twin Conductor Cable Ends – Packaged in Dispensing Pack (NF C 63-023)
2 x 0.50
22
White
2.5 x 4.7
1.4
13
8
500 (5x100)
AZ5-DE005
0.120 (0.265)
2 x 0.75
20
Blue
2.8 x 5
1.8
15
8
500 (5x100)
AZ5-DE007
0.130 (0.287)
2 x 1
18
Red
3.4 x 5.4
2.05
15
8
500 (5x100)
AZ5-DE010
0.140 (0.309)
2 x 1.5
16
Black
3.6 x 6.6
2.3
15
8
500 (5x100)
AZ5-DE015
0.155 (0.342)
2 x 2.5
14
Grey
4.2 x 7.8
2.9
18.5
10
250 (5x50)
AZ5-DE025
0.145 (0.320)
Short Type
Medium Type
DZ5-CE
c1
c
DZ5-CE
Short Type
Long Type
DZ5-CE
c1
c
AZ5-CE
AZ5-DE
c1
c
AZ5-DE




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl