Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV16 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LV16
Description  DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92LV16 Datasheet(HTML) 2 Page - Texas Instruments

  DS92LV16 Datasheet HTML 1Page - Texas Instruments DS92LV16 Datasheet HTML 2Page - Texas Instruments DS92LV16 Datasheet HTML 3Page - Texas Instruments DS92LV16 Datasheet HTML 4Page - Texas Instruments DS92LV16 Datasheet HTML 5Page - Texas Instruments DS92LV16 Datasheet HTML 6Page - Texas Instruments DS92LV16 Datasheet HTML 7Page - Texas Instruments DS92LV16 Datasheet HTML 8Page - Texas Instruments DS92LV16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DS92LV16
SNLS138H – JANUARY 2001 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage
−0.3V to (VCC +0.3V)
LVCMOS/LVTTL Output Voltage
−0.3V to (VCC +0.3V)
Bus LVDS Receiver Input Voltage
−0.3V to +3.9V
Bus LVDS Driver Output Voltage
−0.3V to +3.9V
Bus LVDS Output Short Circuit Duration
10ms
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 4 seconds)
+260°C
Maximum Package Power Dissipation Capacity
23.2 mW/°C above
Package Derating:
LQFP
+25°C
θJA
43°C/W
θJC
11.1°C/W
ESD Rating (HBM)
>2.5kV
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of ELECTRICAL CHARACTERISTICS specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Min
Nom
Max
Units
Supply Voltage (VCC)
3.15
3.3
3.45
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
Clock Rate
25
80
MHz
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV16


Similar Part No. - DS92LV16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG NSC-DS92LV16TVHG Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results

Similar Description - DS92LV16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com