Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1150 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1150
Description  Low Power Sub-1 GHz RF Transmitter
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1150_13 Datasheet HTML 7Page - Texas Instruments CC1150_13 Datasheet HTML 8Page - Texas Instruments CC1150_13 Datasheet HTML 9Page - Texas Instruments CC1150_13 Datasheet HTML 10Page - Texas Instruments CC1150_13 Datasheet HTML 11Page - Texas Instruments CC1150_13 Datasheet HTML 12Page - Texas Instruments CC1150_13 Datasheet HTML 13Page - Texas Instruments CC1150_13 Datasheet HTML 14Page - Texas Instruments CC1150_13 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
CC1150
SWRS037A
Page 11 of 60
6
Circuit Description
BIAS
XOSC_Q1 XOSC_Q2
XOSC
FREQ
SYNTH
RADIO CONTROL
RF_P
RF_N
CSn
SI
SO (GDO1)
SCLK
GDO0 (ATEST)
RBIAS
PA
Figure 2:
CC1150 Simplified Block Diagram
A simplified block diagram of
CC1150 is shown
in Figure 2.
The
CC1150 transmitter is based on direct
synthesis of the RF frequency. The frequency
synthesizer includes a completely on-chip LC
VCO.
A crystal is to be connected to XOSC_Q1 and
XOSC_Q2. The crystal oscillator generates the
reference frequency for the synthesizer, as
well as clocks for the digital part.
A 4-wire SPI serial interface is used for
configuration and data buffer access.
The digital baseband includes support for
channel configuration, packet handling and
data buffering.
7
Application Circuit
Only a few external components are required
for using the
CC1150. The recommended
application circuits are shown in Figure 4 and
Figure 5. The external components are
described in Table 13, and typical values are
given in Table 14.
7.1
Bias resistor
The bias resistor R141 is used to set an
accurate bias current.
7.2
Balun and RF matching
The components between the RF_N/RF_P
pins and the point where the two signals are
joined together (C111, C101, L101 and L111
for the 315/433 MHz design. L101, L111,
C101, L102, C111, C102 and L112 for the
868/915 MHz reference design) form a balun
that converts the differential RF signal on
CC1150 to a single-ended RF signal. C104 is
needed for DC blocking. Together with an
appropriate LC filter network, the balun
components also transform the impedance to
match a 50
Ω antenna (or cable). C105
provides DC blocking and is only needed if
there is a DC path in the antenna. For the
868/915
MHz
reference
design,
this
component may also be used for additional
filtering, see section 7.5 below.
Suggested values for 315 MHz, 433 MHz and
868/915 MHz are listed in Table 14.
The balun and LC filter component values and
their placement are important to achieve
optimal
performance.
It
is
highly
recommended to follow the CC1150EM
reference design ([1] and [2]). Gerber files and
schematics for the reference designs are
available for download from the TI website.


Similar Part No. - CC1150_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results

Similar Description - CC1150_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com