Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7881IPFBR Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7881IPFBR
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881IPFBR Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7881IPFBR Datasheet HTML 1Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 2Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 3Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 4Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 5Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 6Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 7Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 8Page - Burr-Brown (TI) ADS7881IPFBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
12BIT, 4MSPS
LOW POWER SAR ANALOGTODIGITAL CONVERTER
FEATURES
D 4 MHz Sample Rate, 12-Bit Resolution
D Zero Latency
D Unipolar, Pseudo Differential Input, Range:
− 0 V to 2.5 V
D High Speed Parallel Interface
D 71 dB SNR and −88.5 dB THD at 1 MHz I/P
D Power Dissipation 95 mW at 4 MSPS
D Nap Mode (10 mW Power Dissipation)
D Power Down (10 mW)
D Internal Reference
D Internal Reference Buffer
D 48-Pin TQFP and QFN Packages
APPLICATIONS
D Optical Networking (DWDM, MEMS Based
Switching)
D Spectrum Analyzers
D High Speed Data Acquisition Systems
D High Speed Close-Loop Systems
D Telecommunication
D Ultra-Sound Detection
DESCRIPTION
The ADS7881 is a 12-bit 4-MSPS A-to-D converter with
2.5-V internal reference. The device includes a capacitor
based SAR A/D converter with inherent sample and hold.
The device offers a 12-bit parallel interface with an
additional byte mode that provides easy interface with 8-bit
processors. The device has a pseudo-differential input
stage.
The −IN swing of
±200 mV is useful to compensate for
ground voltage mismatch between the ADC and sensor
and also to cancel common-mode noise. With nap mode
enabled, the device operates at lower power when used at
lower conversion rates. The device is available in 48-pin
TQFP and QFN packages.
_
+
SAR
Output
Latches
and
3-State
Drivers
BYTE
12/8-Bit Parallel
Data Output Bus
Conversion
and
Control Logic
CONVST
BUSY
CS
RD
A_PWD
PWD/RST
CDAC
Comparator
CLOCK
2.5 V
Internal
Reference
+IN
−IN
REFIN
REFOUT
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003 − 2005, Texas Instruments Incorporated


Similar Part No. - ADS7881IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IPFBR TI-ADS7881IPFBR Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881IPFBR TI1-ADS7881IPFBR Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com