Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si9942DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # Si9942DY
Description  Complimentary 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si9942DY Datasheet(HTML) 6 Page - Vishay Siliconix

  Si9942DY Datasheet HTML 1Page - Vishay Siliconix Si9942DY Datasheet HTML 2Page - Vishay Siliconix Si9942DY Datasheet HTML 3Page - Vishay Siliconix Si9942DY Datasheet HTML 4Page - Vishay Siliconix Si9942DY Datasheet HTML 5Page - Vishay Siliconix Si9942DY Datasheet HTML 6Page - Vishay Siliconix Si9942DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si9942DY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6
Document Number: 70130
S-000652—Rev. L, 27-Mar-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
PCHANNEL
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
0.010
0
25
30
5
15
20
0.100
1
30
0
0.2
0.4
0.6
0.8
1.0
024
68
10
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–50
–25
0
25
50
75
100
125
150
TJ = 150_C
TJ = 25_C
ID = 2.3 A
ID = 250 µA
0.2
0.4
20
10
0.6
0.8
1.0
1.2
1.4
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
Duty Cycle = 0.5
0.2
0.1
0.05
Single Pulse
0.02
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
1.6
10
10


Similar Part No. - Si9942DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9942DY VISHAY-SI9942DY Datasheet
77Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
logo
VBsemi Electronics Co.,...
SI9942DY-T1-E3 VBSEMI-SI9942DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - Si9942DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9942DY VISHAY-SI9942DY Datasheet
77Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
SI9928DY VISHAY-SI9928DY Datasheet
93Kb / 6P
   Complimentary 20-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI9939DY VISHAY-SI9939DY Datasheet
78Kb / 6P
   Complimentary 30-V (D-S) MOSFET
Rev. G, 27-Mar-00
SI1551DL VISHAY-SI1551DL_08 Datasheet
109Kb / 8P
   Complementary 20-V (D-S) MOSFET
S-42353-Rev. C, 20-Dec-04
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com