Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI2305DS-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI2305DS-T1-E3
Description  P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305DS-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2305DS-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI2305DS-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 70833
S09-0133-Rev. E, 02-Feb-09
Vishay Siliconix
Si2305DS
Notes:
a. For DESIGN AID ONLY, not subject to production testing.
b. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 10 µA
- 8
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 0.8
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 8 V, VGS = 0 V
- 1
µA
VDS = - 8 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 6
A
VDS ≤ - 5 V, VGS = - 2.5 V
- 3
Drain-Source On-Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 3.5 A
0.044
0.052
Ω
VGS = - 2.5 V, ID = - 3 A
0.060
0.071
VGS = - 1.8 V, ID = - 2 A
0.087
0.108
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 3.5 A
8.5
S
Diode Forward Voltage
VSD
IS = - 1.6 A, VGS = 0 V
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID ≅ - 3.5 A
10
15
nC
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
2
Input Capacitance
Ciss
VDS = - 4 V, VGS = 0 V, f = 1 MHz
1245
pF
Output Capacitance
Coss
375
Reverse Transfer Capacitance
Crss
210
Switchingb
Turn-On Time
td(on)
VDD = - 4 V, RL = 4 Ω
ID ≅ - 1.0 A, VGEN = - 4.5 V, RG = 6 Ω
13
20
ns
tr
25
40
Turn-Off Time
td(off)
55
80
tf
19
35


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn