Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR93H86RFVM-2C Datasheet(PDF) 23 Page - Rohm

Part No. BR93H86RFVM-2C
Description  Serial EEPROM Series Automotive EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H86RFVM-2C Datasheet(HTML) 23 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
BR93H86-2C
23/29
Datasheet
Datasheet
www.rohm.com
19.DEC.2012 Rev.002
TSZ02201-0R1R0G100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Part Numbering
B
R
9
3
H
8
6
x x x x
2
C
x
x
LineUp
Capacity
Package
Orderable Part Number
Type
Quantity
16K
MSOP8
Reel of 3000
BR93H86RFVM-2CTR
TSSOP-B8
BR93H86RFVT-2CE2
SOP8
Reel of 2500
BR93H86RF-2CE2
SOP-J8
BR93H86RFJ-2CE2
Capacity
86 = 16Kbit
Package
RFVM
RFVT
RF
RFJ
Package specifications
TR:reel shape emboss taping (MSOP8)
E2:reel shape emboss taping (TSSOP-B8, SOP8, SOP-J8)
Process code
BUS Type
93: Microwire BUS
Operating temperature
H: -40
oC to +125oC
: MSOP8
: TSSOP-B8
: SOP8
: SOP-J8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn