Electronic Components Datasheet Search |
|
BR93H86RFVM-2C Datasheet(PDF) 20 Page - Rohm |
|
BR93H86RFVM-2C Datasheet(HTML) 20 Page - Rohm |
20 / 32 page BR93H86-2C 20/29 Datasheet Datasheet www.rohm.com 19.DEC.2012 Rev.002 TSZ02201-0R1R0G100050-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 ○Selection of resistance value R The resistance R becomes through current limit resistance at data collision. When through current flows, noises of power source line and instantaneous stop of power source may occur. When allowable through current is defined as I, the following relation should be satisfied. Determine allowable current amount in consideration of impedance and so forth of power source line in set. And insert resistance R, and set the value R to satisfy EEPROM input level VIH/VIL, even under influence of voltage decline owing to leak current and so forth. Insertion of R will not cause any influence upon basic operations. 4-3) Address Data A0 = “1” Input, dummy bit “0” Output Timing (When microcontroller DI/O output is “H”, EEPROM DO outputs “L”, and “H” is input to DI) ・Make the through current to EEPROM 10mA or below. ・See to it that the input level VIH of EEPROM should satisfy the following. 4-4) DO Status READY Output Timing (When the microcontroller DI/O is “L”, EEPROM DO outputs “H”, and “L” is input to DI) ・Set the EEPROM input level VIL so as to satisfy the following. Microcontroller DI/O PORT DI EEPROM DO R “H” output IOHM VOHM VOLE “L” output Figure 48 Circuit at DI, DO Direct Connection (Microcontroller DI/O “H” output, EEPROM “L” output) VOHM ≦ VIHE VOHM ≦ IOHM×R + VOLE At this moment, if VOLE=0V, VOHM ≦ IOHM×R ∴ R ≧ ・・・⑦ VOHM IOHM : EEPROM VIH specifications : EEPROM VOL specifications : Microcontroller VOH specifications : Microcontroller IOH specifications ・VIHE ・VOLE ・VOHM ・IOHM Microcontroller DI/O PORT DI EEPROM DO R “L” output IOHM VOLM VOHE “H” output Condition VOLM ≧ VILE VOLM ≧ VOHE – IOLM×R As this moment, if VOHE=Vcc, VOLM ≧ Vcc – IOLM×R ∴ R ≧ ・・・⑧ Vcc – VOLM IOLM Figure 49 Circuit at DI, DO Direct Connection (Microcontroller DI/O “L” output, EEPROM “H” output) Example) When Vcc=5V, VOHM=5V, IOHM=0.4mA, VOLM=0.4V, IOLM=2.1mA, From the equation ⑦, From the equation ⑧, R ≧ R ≧ VOHM IOHM 5 0.4×10 -3 ∴ R ≧ 12.5 [kΩ] ・・・⑨ R ≧ R ≧ Vcc – VOLM IOLM 5 – 0.4 2.1×10 -3 ∴ R ≧ 2.2 [kΩ] ・・・⑩ Therefore, from the equations ⑨ and ⑩, ∴ R ≧ 12.5 [kΩ] : EEPROM VIL specifications : EEPROM VOH specifications : Microcontroller VOL specifications : Microcontroller IOL specifications ・VILE ・VOHE ・VOLM ・IOLM Condition |
Similar Part No. - BR93H86RFVM-2C |
|
Similar Description - BR93H86RFVM-2C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |