Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR93H86RFVM-2C Datasheet(PDF) 19 Page - Rohm

Part No. BR93H86RFVM-2C
Description  Serial EEPROM Series Automotive EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR93H86RFVM-2C Datasheet(HTML) 19 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
BR93H86-2C
19/29
Datasheet
Datasheet
www.rohm.com
19.DEC.2012 Rev.002
TSZ02201-0R1R0G100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
4) When to Directly Connect DI and DO
This IC has independent input terminal DI and output terminal DO, in wherein signals are handled sparately on timing chart.
But by inserting a resistance R between these DI and DO terminals, it is possible to carry out control by only 1 control line.
○Data collision of microcontroller DI/O output and DO output and feedback of DO output to DI input.
Drive from the microcontroller DI/O output to DI input on I/O timing, and signal output from DO output occur at the
same time in the following points.
4-1) 1 clock cycle to take in A0 address data at read command
Dummy bit “0” is output to DO terminal.
→When address data A0 = “1” input, through current route occurs.
4-2) Timing of CS = “H” after write command. DO terminal in READY / BUSY function output.
When the next start bit input is recognized, “HIGH-Z” gets in.
→Especially, at command input after write, when CS input is started with microcontroller DI/O output “L”,
READY output “H” is output from DO terminal, and through current route occurs.
Feedback input at timing of these 4-1) and 4-2) does not cause disorder in basic operations, if resistance R is inserted.
Microcontroller
DI/O PORT
DI
EEPROM
DO
R
Figure 45 DI, DO Control Line Common Connection
EEPROM CS input
EEPROM SK input
EEPROM DI input
EEPROM DO output
Microcontroller DI/O port
A1
High-Z
Collision of DI input and DO output
“H”
A0
0
D15 D14 D13
A1
A0
High-Z
Microcontroller output
Microcontroller input
Figure 46. Collision Timing at Read Data Output at DI, DO Direct Connection
EEPROM CS input
EEPROM SK input
EEPROM DI input
EEPROM DO output
Microcontroller DI/O port
Write command
Microcontroller output
BUSY
BUSY
READY
READY
READY
Collision of DI input and DO output
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
High-Z
Write command
Write command
Write command
Write command
Microcontroller input
Microcontroller output
Figure 47 Collision Timing at DI, DO Direct Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn