Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93H86RFVM-2C Datasheet(PDF) 14 Page - Rohm

Part # BR93H86RFVM-2C
Description  Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93H86RFVM-2C Datasheet(HTML) 14 Page - Rohm

Back Button BR93H86RFVM-2C Datasheet HTML 10Page - Rohm BR93H86RFVM-2C Datasheet HTML 11Page - Rohm BR93H86RFVM-2C Datasheet HTML 12Page - Rohm BR93H86RFVM-2C Datasheet HTML 13Page - Rohm BR93H86RFVM-2C Datasheet HTML 14Page - Rohm BR93H86RFVM-2C Datasheet HTML 15Page - Rohm BR93H86RFVM-2C Datasheet HTML 16Page - Rohm BR93H86RFVM-2C Datasheet HTML 17Page - Rohm BR93H86RFVM-2C Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
BR93H86-2C
14/29
Datasheet
Datasheet
www.rohm.com
19.DEC.2012 Rev.002
TSZ02201-0R1R0G100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Timing Chart
1) Read Cycle (READ)
(1) Start bit
When data “1” is input for the first time after the rise of CS, this will be recognized as the start bit. And, even if multiple “0” are input after the rise of CS, the
first “1” input will still be recognized as the start bit, and the following operation starts. This is common to all the commands that will be discussed hereafter
.
○When the READ command is recognized, the data (16bit) of the selected address is output to serial. And at that moment,
“0” (dummy bit) is output first, in sync with address bit A0 and with the rise of SK. Afterwhich, the main data is output in
sync with the rise of SK.
This IC has Address Auto Increment Function available only for READ command. wherein after executing READ
command on the first selected address, the data of the next address is read.
And this will continue in a sequential
order of addresses with the use of a continuous SK clock input, and by keeping CS at “H” during auto-increment.
2) Write Cycle (WRITE)
○In this command, input 16-bit data (D15 to D0) are written to a designated address (A9 to A0). The actual write starts
from the fall of CS, after D0 is sampled with SK clock (29
th clock from the start bit input), to the rise of the 30th clock.
When STATUS is not detected (CS="L" fixed), WRITE time is 4ms (Max) in conformity with tE/W.
And when STATUS is
detected (CS="H"), all commands are not accepted for areas where "L" (BUSY) is output from D0.
Therefore, do not
input any command.
Write is not made or canceled if CS starts to fall after the rise of the 30
th clock.
Note: Take tSKH or more from the rise of the 29th clock to the fall of CS.
3) Write All Cycle (WRAL)
○In this command, input 16-bit data is written simultaneously to all addresses. Data is written in bulk at a write time of
only 4ms (Max) in conformity with tE/W. When writing data to all addresses, designate each block by B2, B1, and B0,
and execute write. Write time is Max.4ms.
The actual write starts from the fall of CS, after D0 is sampled with SK clock (29
th clock from the start bit input), to the
rise of the 30
th clock. If CS was ended after the rise of the 30th clock, command is canceled, and write is not
completed.
Note: Take tSKH or more from the rise of the 29th clock to the fall of CS.
CS
1
2
1
4
High-Z
1
A9
A1
A0
0
D15
D14
D1
D15
D14
*1
*2
D0
SK
DI
DO
0
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
29
30
0
3
5
tCS
High-Z
B1
READY
BUSY
tE/W
DO
0D0
CS
SK
DI
12
01
5m
STATUS
n
D1
B0
D15
1B2
0
tSV
Figure 32 Write all Cycle
Figure 31 Write Cycle
Figure 30 Read Cycle
tCS
High-Z
READY
BUSY
tE/W
CS
SK
DI
DO
12
4
A1
A0
0
STATUS
n
D0
D1
D15
D14
1Am
1
~ ~
tSV
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
5
3
0
0
3
4
9
29
29
11
(2) The succeeding address’ data output
(Auto-Increment Function)


Similar Part No. - BR93H86RFVM-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H86RFVM-2C ROHM-BR93H86RFVM-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVM-2CE2 ROHM-BR93H86RFVM-2CE2 Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86RFVM-2CTR ROHM-BR93H86RFVM-2CTR Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86RFVM-2CTR ROHM-BR93H86RFVM-2CTR Datasheet
1Mb / 33P
   Operation Microwire BUS EEPROM
More results

Similar Description - BR93H86RFVM-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H46RF-2C ROHM-BR93H46RF-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVT-2C ROHM-BR93H46RFVT-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H66RFVT-2C ROHM-BR93H66RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H86RFVT-2C ROHM-BR93H86RFVT-2C Datasheet
786Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFJ-2C ROHM-BR93H46RFJ-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46RFVM-2C ROHM-BR93H46RFVM-2C Datasheet
749Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125??Operation Microwire BUS EEPROM (3-wire)
BR93H46-2C ROHM-BR93H46-2C Datasheet
719Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H56-2C ROHM-BR93H56-2C Datasheet
754Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H86-2C ROHM-BR93H86-2C Datasheet
756Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
BR93H76-2C ROHM-BR93H76-2C Datasheet
741Kb / 32P
   Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com