Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR93H86RFVM-2C Datasheet(PDF) 11 Page - Rohm

Part No. BR93H86RFVM-2C
Description  Serial EEPROM Series Automotive EEPROM 125℃ Operation Microwire BUS EEPROM (3-wire)
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BR93H86RFVM-2C Datasheet(HTML) 11 Page - Rohm

Back Button BR93H86RFVM-2C Datasheet HTML 7Page - Rohm BR93H86RFVM-2C Datasheet HTML 8Page - Rohm BR93H86RFVM-2C Datasheet HTML 9Page - Rohm BR93H86RFVM-2C Datasheet HTML 10Page - Rohm BR93H86RFVM-2C Datasheet HTML 11Page - Rohm BR93H86RFVM-2C Datasheet HTML 12Page - Rohm BR93H86RFVM-2C Datasheet HTML 13Page - Rohm BR93H86RFVM-2C Datasheet HTML 14Page - Rohm BR93H86RFVM-2C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
BR93H86-2C
11/29
Datasheet
Datasheet
www.rohm.com
19.DEC.2012 Rev.002
TSZ02201-0R1R0G100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Typical Performance Curves‐Continued
0
50
100
150
200
250
300
350
23
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
50
100
150
200
250
300
350
23
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
50
100
150
200
250
23
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
0
50
100
150
200
250
23
4
56
SUPPLY VOLTAGE : VCC
[V]
SPEC
Ta= -40
Ta= 25
Ta= 125
Figure 25 Data "0" Output Delay Time vs. Supply Voltage
Figure 24 Data "1" Output Delay Time vs. Supply Voltage
Figure 27 Time Between CS Output High-Z
vs. Supply Voltage
Figure 26 Time Between CS and Output
vs. Supply Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn