Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM1100URZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM1100URZ
Description  iCoupler Digital Isolator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1100URZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM1100URZ Datasheet HTML 7Page - Analog Devices ADuM1100URZ Datasheet HTML 8Page - Analog Devices ADuM1100URZ Datasheet HTML 9Page - Analog Devices ADuM1100URZ Datasheet HTML 10Page - Analog Devices ADuM1100URZ Datasheet HTML 11Page - Analog Devices ADuM1100URZ Datasheet HTML 12Page - Analog Devices ADuM1100URZ Datasheet HTML 13Page - Analog Devices ADuM1100URZ Datasheet HTML 14Page - Analog Devices ADuM1100URZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADuM1100
Rev. I | Page 11 of 20
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 INSULATION CHARACTERISTICS
This isolator is suitable for reinforced isolation only within the safety limit data. Maintenance of the safety data is ensured by means of
protective circuits. The asterisk (*) marking on the package denotes DIN V VDE V 0884-10 approval for 560 V peak working voltage.
Table 7.
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = VPR, 100% production test,
tm = 1 sec, partial discharge < 5 pC
VPR
1050
V peak
Input-to-Output Test Voltage, Method A
VIORM × 1.6 = VPR, tm = 60 sec, partial
discharge < 5 pC
VPR
After Environmental Tests Subgroup 1
896
V peak
After Input and/or Safety Test Subgroup 2 and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial
discharge < 5 pC
672
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
4000
V peak
Safety-Limiting Values
Maximum value allowed in the event of
a failure (see
Figure 2)
Case Temperature
TS
150
°C
Side 1 Current
IS1
160
mA
Side 2 Current
IS2
170
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
CASE TEMPERATURE (°C)
180
0
100
80
0
50
100
150
200
120
160
140
20
40
60
INPUT CURRENT
OUTPUT CURRENT
Figure 2. Thermal Derating Curve, Dependence of Safety-Limiting Values
with Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 8.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
ADuM1100AR/ADuM1100BR
TA
−40
+105
°C
ADuM1100UR
TA
−40
+125
°C
Supply Voltages1
VDD1,
VDD2
3.0
5.5
V
Logic High Input Voltage,
5 V Operation1, 2
(See Figure 11 and Figure 12)
VIH
2.0
VDD1
V
Logic Low Input Voltage,
5 V Operation1, 2
(See Figure 11 and Figure 12)
VIL
0.0
0.8
V
Logic High Input Voltage,
3.3 V Operation1,2
(See Figure 11 and Figure 12)
VIH
1.5
VDD1
V
Logic Low Input Voltage,
3.3 V Operation1, 2
(See Figure 11 and Figure 12)
VIL
0.0
0.5
V
Input Signal Rise and Fall Times
1.0
ms
1 All voltages are relative to their respective ground.
2 Input switching thresholds have 300 mV of hysteresis. See the
section,
,
and Figure 20 for information on immunity to external magnetic fields.
Method of
Operation, DC Correctness, and Magnetic Field Immunity
Figure 19


Similar Part No. - ADuM1100URZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100UR AD-ADUM1100UR Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100UR-RL7 AD-ADUM1100UR-RL7 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
More results

Similar Description - ADuM1100URZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1100BRZ AD-ADUM1100BRZ Datasheet
384Kb / 20P
   iCoupler Digital Isolator
Rev. I
ADUM1100 AD-ADUM1100 Datasheet
167Kb / 16P
   iCoupler Digital Isolator
REV. E
ADUM1100 AD-ADUM1100_15 Datasheet
384Kb / 20P
   Coupler Digital Isolator
Rev. I
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
   Dual Digital Isolator
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
[Old version datasheet]   DUAL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
logo
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com