Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7179KCPZ-REEL2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7179KCPZ-REEL2
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7179KCPZ-REEL2 Datasheet(HTML) 5 Page - Analog Devices

  ADV7179KCPZ-REEL2 Datasheet HTML 1Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 2Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 3Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 4Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 5Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 6Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 7Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 8Page - Analog Devices ADV7179KCPZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ADV7174/ADV7179
Rev. B | Page 5 of 52
2.8 V TIMING SPECIFICATIONS
VAA = 2.8 V, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX1, unless otherwise noted.
Table 2.
Parameter
Conditions1
Min
Typ
Max
Unit
MPU PORT2, 3
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulse Width, t1
0.6
μs
SCLOCK Low Pulse Width, t2
1.3
μs
Hold Time (Start Condition), t3
After this period the first clock is generated
0.6
μs
Setup Time (Start Condition), t4
Relevant for repeated start condition
0.6
μs
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
μs
ANALOG OUTPUTS3, 4
Analog Output Delay
7
ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND PIXEL PORT4, 5
fCLOCK
27
MHz
Clock High Time, t9
8
ns
Clock Low Time, t10
8
ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4
ns
Control Setup Time, t11
4
ns
Control Hold Time, t12
3
ns
Digital Output Access Time, t13
12
ns
Digital Output Hold Time, t14
8
ns
Pipeline Delay, tPD5
48
Clock Cycles
TELETEXT3, 4, 6
Digital Output Access Time, t16
23
ns
Data Setup Time, t17
2
ns
Data Hold Time, t18
6
ns
RESET CONTROL ,3 4
RESET Low Time
6
ns
1 Temperature range TMIN to TMAX: –20°C to +85°C.
2 TTL input values are 0 V to 2.8 V, with input rise/fall times −3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Analog output load –10 pF.
3 Guaranteed by characterization.
4 Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
5 See Figure 60.
6 Teletext Port consists of the following:
Teletext Output: TTXREQ
Teletext Input: TTX


Similar Part No. - ADV7179KCPZ-REEL2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7179KCP AD-ADV7179KCP Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7179KCP-REEL AD-ADV7179KCP-REEL Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
More results

Similar Description - ADV7179KCPZ-REEL2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7174 AD-ADV7174_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
ADV7179 AD-ADV7179_15 Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
Rev. B
ADV7174 AD-ADV7174 Datasheet
488Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. A
ADV7170 AD-ADV7170 Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
logo
Intersil Corporation
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Motorola, Inc
MC13077 MOTOROLA-MC13077 Datasheet
159Kb / 14P
   ADVANCED PAL/NTSC ENCODER
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
   NTSC/PAL Video Encoder
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
   NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com