Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJAF6810 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FJAF6810
Description  NPN Triple Diffused Planar Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJAF6810 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FJAF6810 Datasheet HTML 1Page - Fairchild Semiconductor FJAF6810 Datasheet HTML 2Page - Fairchild Semiconductor FJAF6810 Datasheet HTML 3Page - Fairchild Semiconductor FJAF6810 Datasheet HTML 4Page - Fairchild Semiconductor FJAF6810 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2, May 2001
Typical Characteristics (Continued)
Figure 7. Resistive Load Switching Time
Figure 8. Resistive Load Switching Time
Figure 9. Reverse Bias Safe Operating Area
Figure 10. Forward Bias Safe Operating Area
Figure 11. Power Derating
110
0.01
0.1
1
10
100
t
F
t
STG
V
CC = 200V,
I
C = 6A, IB2 = - 2.4A
I
B1 [A], FORWARD BASE CURRENT
110
0.1
1
10
t
F
t
STG
V
CC
= 200V,
I
B1 = 1.0A, IB2 = - 2.4A
I
C [A], COLLECTOR CURRENT
10
100
1000
10000
5
10
15
20
25
30
R
B2 = 0, IB1 = 15A
V
CC = 30V, L = 200µH
V
BE(off) = - 3V
V
BE(off) = - 6V
1
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
10000
0.01
0.1
1
10
100
T
C = 25
o
C
Sigle Pulse
t = 100ms t = 10ms
t = 1ms
I
C (Pulse)
I
C (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
T
C
[
o
C], CASE TEMPERATURE


Similar Part No. - FJAF6810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJAF6810 FAIRCHILD-FJAF6810 Datasheet
102Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810 FAIRCHILD-FJAF6810 Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
logo
Inchange Semiconductor ...
FJAF6810 ISC-FJAF6810 Datasheet
237Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
FJAF6810A FAIRCHILD-FJAF6810A Datasheet
159Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
More results

Similar Description - FJAF6810

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com