Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6806-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6806-EVALZ
Description  50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6806-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6806-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6806-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADRF6806
Data Sheet
Rev. B | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VCCBB and VCCRF (VS1)
−0.5 V to +5.5 V
Supply Voltage, VCC1, VCC2, and VCCLO (VS2)
−0.5 V to +3.6 V
Digital I/O, CLK, DATA, and LE
−0.3 V to +3.6 V
RFIP and RFIN (Each Pin AC-Coupled)
13 dBm
θJA (Exposed Paddle Soldered Down)
30°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADRF6806-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6806-EVALZ AD-ADRF6806-EVALZ Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
More results

Similar Description - ADRF6806-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6806 AD-ADRF6806 Datasheet
965Kb / 36P
   50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
   750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
   1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
   750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com