Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2483BRWZ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADM2483BRWZ-REEL
Description  Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483BRWZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM2483BRWZ-REEL Datasheet HTML 6Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 7Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 8Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 9Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 10Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 11Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 12Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 13Page - Analog Devices ADM2483BRWZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM2483
Rev. B | Page 10 of 20
SWITCHING CHARACTERISTICS
tPLH
VDD1
0V
B
A
VOH
A, B
VOL
0.5VDD1
0.5VDD1
tSKEW = |tPLH tPHL|
tF
10% POINT
10% POINT
90% POINT
90% POINT
1/2VO
tR
tPHL
VO
Figure 9. Driver Propagation Delay, Rise/Fall Timing
VOH
0V
0V
1.5V
1.5V
VOL
A – B
RxD
tPLH
tPHL
tSKEW = |tPLH tPHL|
Figure 10. Receiver Propagation Delay
DE
2.3V
0.5VDD1
VOH
0V
VOL
VOH – 0.5V
0.7VDD1
0.3VDD1
VOL + 0.5V
0.5VDD1
2.3V
A, B
A, B
tZL
tZH
tLZ
tHZ
Figure 11. Driver Enable/Disable Timing
VOH
VOL
VOH – 0.5V
0.7VDD1
0.3VDD1
VOL + 0.5V
RE
RxD
RxD
0V
O/P LOW
O/P HIGH
1.5V
0.5VDD1
1.5V
tZL
tZH
0.5VDD1
tLZ
tHZ
Figure 12. Receiver Enable/Disable Timing


Similar Part No. - ADM2483BRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
More results

Similar Description - ADM2483BRWZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
logo
Texas Instruments
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com