Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1532 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FIN1532
Description  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1532 Datasheet HTML 1Page - Fairchild Semiconductor FIN1532 Datasheet HTML 2Page - Fairchild Semiconductor FIN1532 Datasheet HTML 3Page - Fairchild Semiconductor FIN1532 Datasheet HTML 4Page - Fairchild Semiconductor FIN1532 Datasheet HTML 5Page - Fairchild Semiconductor FIN1532 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 5V.
Supply Voltage (VCC)
−0.5 V to +6 V
DC Input Voltage (VIN)
Enable Inputs
−0.5 V to +6 V
Receiver Inputs
−0.5 V to +6 V
DC Output Voltage (VOUT)
−0.5 V to +6 V
DC Output Current (IO)16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 8000 V
ESD (Machine Model)
≥ 300 V
Supply Voltage (VCC)
4.5 V to 5.5 V
Input Voltage (VIN)
Enable Inputs
0 to VCC
Receiver Inputs
0 to 2.4 V
Magnitude of Differential Voltage
(|VID|)
100 mV to 600 mV
Common-mode Input Voltage
(VIC)|VID|/2 to (2.4−|VID|/2)
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
VIC = +1.2V, See Figure 1
100
mV
VTL
Differential Input Threshold LOW
VIC = +1.2V, See Figure 1
−100
mV
IIN
Input Current EN or EN
VIN = 0V or VCC, VCC = 5.5 or 0V
±20
µA
Input Current Receiver Inputs
VIN = 0V or 2.4 V, VCC = 5.5 or 0V
±20
µA
VIH
Input High Voltage (EN or EN)2.0
VCC
V
VIL
Input Low Voltage (EN or EN)GND
0.8
V
VOH
Output HIGH Voltage
IOH = −100 µAVCC −0.2
4.98
V
IOH = −8 mA
3.8
4.68
VOL
Output LOW Voltage
IOH = 100 µA0.01
0.2
V
IOL = 8 mA
0.22
0.5
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
−0.8
V
IOZ
Disabled Output Leakage Current
EN
= 0.8 and EN = 2V, V
OUT = 5.5V or 0V
±20
µA
IO(OFF)
Power-OFF Output Current
VOUT = 0V or 5.5V, VCC = 0V
50
µA
IOS
Output Short Circuit Test
Receiver Enabled, VOUT = 0V
−15
−100
mA
(one output shorted at a time)
ICCZ
Disabled Power Supply Current
Receiver Disabled
1.2
5
mA
ICC
Power Supply Current
Receiver Enabled, RIN+ = 1V and RIN− = 1.4V
11
17
mA
Receiver Enabled, RIN+ = 1.4V and RIN− = 1V
15
23
IPU/PD
Output Power Up/Power Down
VCC = 0V to 2.0V
±20
µA
High Z Leakage Current
CIN
Input Capacitance
5.5
pF
COUT
Output Capacitance
4.5
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1531 5V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1002 LVDS 1-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1018 3.3V LVDS 1-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1019 3.3V LVDS High Speed Differential Driver/Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn