Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7927BRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7927BRUZ
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927BRUZ Datasheet(HTML) 4 Page - Analog Devices

  AD7927BRUZ Datasheet HTML 1Page - Analog Devices AD7927BRUZ Datasheet HTML 2Page - Analog Devices AD7927BRUZ Datasheet HTML 3Page - Analog Devices AD7927BRUZ Datasheet HTML 4Page - Analog Devices AD7927BRUZ Datasheet HTML 5Page - Analog Devices AD7927BRUZ Datasheet HTML 6Page - Analog Devices AD7927BRUZ Datasheet HTML 7Page - Analog Devices AD7927BRUZ Datasheet HTML 8Page - Analog Devices AD7927BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7927
Data Sheet
Rev. C | Page 4 of 28
Parameter
B Version1
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V min
ISOURCE = 200 μA, AVDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
Coding bit set to 1
Twos Complement
Coding bit set to 0
CONVERSION RATE
Conversion Time
800
ns max
16 SCLK cycles with SCLK at 20 MHz
Track-and-Hold Acquisition Time
300
ns max
Sine wave input
300
ns max
Full-scale step input
Throughput Rate
200
kSPS max
See Serial Interface section
POWER REQUIREMENTS
AVDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD4
Digital inputs = 0 V or VDRIVE
During Conversion
2.7
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Normal Mode (Static)
600
μA typ
AVDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational) fSAMPLE = 200 kSPS
1.5
mA max
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
1.2
mA max
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Using Auto Shutdown Mode fSAMPLE = 200 kSPS
900
μA typ
AVDD = 4.75 V to 5.25 V, fSCLK = 20 MHz
650
μA typ
AVDD = 2.7 V to 3.6 V, fSCLK = 20 MHz
Auto Shutdown (Static)
0.5
μA max
SCLK on or off (20 nA typ)
Full Shutdown Mode
0.5
μA max
SCLK on or off (20 nA typ)
Power Dissipation4
Normal Mode (Operational)
7.5
mW max
AVDD = 5 V, fSCLK = 20 MHz
3.6
mW max
AVDD = 3 V, fSCLK = 20 MHz
Auto Shutdown (Static)
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
Full Shutdown Mode
2.5
μW max
AVDD = 5 V
1.5
μW max
AVDD = 3 V
1 Temperature ranges as follows: B Version: −40°C to +85°C; W Version: −40°C to +125°C.
2 See Terminology section.
3 Sample tested @ 25°C to ensure compliance.
4 See Power vs. Throughput Rate section.


Similar Part No. - AD7927BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927BRUZ-REEL AD-AD7927BRUZ-REEL Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
More results

Similar Description - AD7927BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com