Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1531 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FIN1531
Description  5V LVDS 4-Bit High Speed Differential Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1531 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN1531 Datasheet HTML 1Page - Fairchild Semiconductor FIN1531 Datasheet HTML 2Page - Fairchild Semiconductor FIN1531 Datasheet HTML 3Page - Fairchild Semiconductor FIN1531 Datasheet HTML 4Page - Fairchild Semiconductor FIN1531 Datasheet HTML 5Page - Fairchild Semiconductor FIN1531 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500505
www.fairchildsemi.com
August 2001
Revised August 2001
FIN1531
5V LVDS 4-Bit High Speed Differential Driver
General Description
This quad driver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The driver translates 5V TTL/CMOS signal levels to
LVDS levels with a typical differential output swing of 350
mV which provides low EMI at ultra low power dissipation
even at high frequencies. This device is ideal for high
speed transfer of clock and data.
The FIN1531 can be paired with its companion receiver,
the FIN1532, or with any other Fairchild LVDS receiver.
Features
s Greater than 400Mbs data rate
s 5V power supply operation
s 400ps max differential pulse skew
s 2.0ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Pin compatible with equivalent RS-422 and
PECL devices
s 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FIN1531M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1531MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Input
Outputs
EN
EN
DIN
DOUT+
DOUT−
HX
H
H
L
HX
L
L
H
HX
OPEN
L
H
XL
H
H
L
XL
L
L
H
XL
OPEN
L
H
LH
X
Z
Z
Pin Name
Description
DIN1, DIN2, DIN3, DIN4
5V TTL/CMOS Data Input
DOUT1+, DOUT2+, DOUT3+, DOUT4+ Non-inverting LVDS Output
DOUT1−, DOUT2−, DOUT3−, DOUT4− Inverting LVDS Output
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1532 5V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
DS90LV017 LVDS Single High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
DS90LV017A LVDS Single High Speed Differential Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV027 LVDS Dual High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
DS90LV027A LVDS Dual High Speed Differential Driver 1  2  3  4  5  More National Semiconductor (TI)
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn