Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1531 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FIN1531
Description  5V LVDS 4-Bit High Speed Differential Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1531 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FIN1531 Datasheet HTML 1Page - Fairchild Semiconductor FIN1531 Datasheet HTML 2Page - Fairchild Semiconductor FIN1531 Datasheet HTML 3Page - Fairchild Semiconductor FIN1531 Datasheet HTML 4Page - Fairchild Semiconductor FIN1531 Datasheet HTML 5Page - Fairchild Semiconductor FIN1531 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package Number M16A


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1532 5V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
DS90LV017 LVDS Single High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
DS90LV017A LVDS Single High Speed Differential Driver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV027 LVDS Dual High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
DS90LV027A LVDS Dual High Speed Differential Driver 1  2  3  4  5  More National Semiconductor (TI)
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn