Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1104 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FIN1104
Description  LVDS 4 Port High Speed Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FIN1104 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500656
www.fairchildsemi.com
January 2002
Revised January 2003
FIN1104
LVDS 4 Port High Speed Repeater
General Description
This 4 port repeater is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The FIN1104 accepts and outputs LVDS levels
with a typical differential output swing of 330 mV which pro-
vides low EMI at ultra low power dissipation even at high
frequencies. The FIN1104 provides a VBB reference for AC
coupling on the inputs. In addition the FIN1104 can directly
accept LVPECL, HSTL, and SSTL-2 for translation to
LVDS.
Features
s Greater than 800 Mbps data rate
s 3.3V power supply operation
s 3.5 ps maximum random jitter and 135 ps maximum
deterministic jitter
s Wide rail-to-rail common mode range
s LVDS receiver inputs accept LVPECL, HSTL, and
SSTL-2 directly
s Ultra low power consumption
s 20 ps typical channel-to-channel skew
s Power off protection
s
> 7.5 kV HBM ESD Protection
s Meets or exceeds the TIA/EIA-644-A LVDS standard
s Available in space saving 24-Lead TSSOP package
s Open circuit fail safe protection
s VBB reference output
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
FIN1104MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
RIN1+, RIN2+,
RIN3+, RIN4+
Non-inverting LVDS Input
RIN1−, RIN2−,
RIN3−, RIN4−
Inverting LVDS Input
DOUT1+, DOUT2+,
DOUT3+, DOUT4+
Non-inverting Driver Output
DOUT1−, DOUT2−,
DOUT3−, DOUT4−
Inverting Driver Output
EN
Driver Enable Pin for All Output
EN
Inverting Driver Enable Pin for all Outputs
VCC
Power Supply
GND
Ground
VBB
Reference Voltage Output


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FIN1104LVDS 4 Port High Speed Repeater 1 2 3 4 5 MorePowertip Technology
FIN1101LVDS Single Port High Speed Repeater 1 2 3 4 5 MoreFairchild Semiconductor
FIN1102LVDS 2 Port High Speed Repeater 1 2 3 4 5 Fairchild Semiconductor
FIN1108LVDS 8 Port High Speed Repeater 1 2 3 4 5 MoreFairchild Semiconductor
FIN10173.3V LVDS 1-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10183.3V LVDS 1-Bit High Speed Differential Receiver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10193.3V LVDS High Speed Differential Driver/Receiver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10222 X 2 LVDS High Speed Crosspoint Switch 1 2 3 4 5 MoreFairchild Semiconductor
DS90LV017LVDS Single High Speed Differential Driver 1 2 3 4 National Semiconductor (TI)
FIN10253.3V LVDS 2-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn