Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1104 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FIN1104
Description  LVDS 4 Port High Speed Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FIN1104 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVDS DC Output Voltage (VOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous 10 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
7500V
ESD (Machine Model)
400V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential
Voltage (|VID|)
100 mV to VCC
Common Mode Voltage
Range (VIC)(0V + |VID|/2) to (VCC − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, +1.2V, or VCC − 0.05V
−100
mV
VIH
Input HIGH Voltage (EN or EN)2.0
VCC
V
VIL
Input LOW Voltage (EN or EN)GND
0.8
V
VOD
Output Differential Voltage
250
330
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100 Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 2
1.125
1.23
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
DOUT+ = 0V and DOUT− = 0V,
−3.4
−6mA
Driver Enabled
VOD = 0V, Driver Enabled
±3.4
±6mA
IIN
Input Current (EN, EN, DINx+, DINx−)VIN = 0V to VCC, Other Input = VCC or 0V
±20
µA
(for Differential Inputs)
IOFF
Power Off Input or Output Current
VCC = 0V, VIN or VOUT = 0V to 3.6V
±20
µA
ICCZ
Disabled Power Supply Current
Drivers Disabled
5.4
11
mA
ICC
Power Supply Current
Drivers Enabled, Any Valid Input Condition
30.4
41
mA
IOZ
Disabled Output Leakage Current
Driver Disabled, DOUT+ = 0V to 3.6V or
±20
µA
DOUT− = 0V to3.6V
VIC
Common Mode Voltage Range
|VID| = 100 mV to VCC
0V
+ |V
ID|/2
VCC − (|VID|/2)
V
CIN
Input Capacitance
Enable Input
2.6
pF
LVDS Input
2.1
COUT
Output Capacitance
2.8
pF
VBB
Output Reference Voltage
VCC = 3.3V, IBB = 0 to −275 µA
1.125
1.2
1.375
V


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FIN1104LVDS 4 Port High Speed Repeater 1 2 3 4 5 MorePowertip Technology
FIN1101LVDS Single Port High Speed Repeater 1 2 3 4 5 MoreFairchild Semiconductor
FIN1102LVDS 2 Port High Speed Repeater 1 2 3 4 5 Fairchild Semiconductor
FIN1108LVDS 8 Port High Speed Repeater 1 2 3 4 5 MoreFairchild Semiconductor
FIN10173.3V LVDS 1-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10183.3V LVDS 1-Bit High Speed Differential Receiver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10193.3V LVDS High Speed Differential Driver/Receiver 1 2 3 4 5 MoreFairchild Semiconductor
FIN10222 X 2 LVDS High Speed Crosspoint Switch 1 2 3 4 5 MoreFairchild Semiconductor
DS90LV017LVDS Single High Speed Differential Driver 1 2 3 4 National Semiconductor (TI)
FIN10253.3V LVDS 2-Bit High Speed Differential Driver 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn