Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD676JN Datasheet(PDF) 9 Page - Analog Devices

Part # AD676JN
Description  16-Bit 100 kSPS Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676JN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD676JN Datasheet HTML 5Page - Analog Devices AD676JN Datasheet HTML 6Page - Analog Devices AD676JN Datasheet HTML 7Page - Analog Devices AD676JN Datasheet HTML 8Page - Analog Devices AD676JN Datasheet HTML 9Page - Analog Devices AD676JN Datasheet HTML 10Page - Analog Devices AD676JN Datasheet HTML 11Page - Analog Devices AD676JN Datasheet HTML 12Page - Analog Devices AD676JN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD676
REV. A
–9–
CONTINUOUS CONVERSION
For maximum throughput rate, the AD676 can be operated in a
continuous convert mode (see Figure 2b). This is accomplished
by utilizing the fact that SAMPLE will no longer be ignored af-
ter BUSY goes LOW, so an acquisition may be initiated even
during the HIGH time of the 17th CLK pulse for maximum
throughput rate while enabling full settling of the sample/hold
circuitry. If SAMPLE is already HIGH when BUSY goes LOW
at the end of a conversion, then an acquisition is immediately
initiated and tS and tC start from that time. Data from the previ-
ous conversion may be latched up to tSD before BUSY goes
LOW or tOD after the rising edge of the 17th clock pulse. How-
ever, it is preferred that latching occur on or after the falling
edge of BUSY.
Care must he taken to adhere to the minimum/maximum timing
requirements in order to preserve conversion accuracy.
GENERAL CONVERSION GUIDELINES
During signal acquisition and conversion, care should be taken
with the logic inputs to avoid digital feedthrough noise. It is pos-
sible to run CLK continuously, even during the sample period.
However, CLK edges during the sampling period, and especially
when SAMPLE goes LOW, may inject noise into the sampling
process. The AD676 is tested with no CLK cycles during the
sampling period. The BUSY signal can be used to prevent the
clock from running during acquisition, as illustrated in Figure 3.
In this circuit BUSY is used to reset the circuitry which divides
the system clock down to provide the AD676 CLK. This serves
to interrupt the clock until after the input signal has been ac-
quired, which has occurred when BUSY goes HIGH. When the
conversion is completed and BUSY goes LOW, the circuit in
Figure 3 truncates the 17th CLK pulse width which is tolerable
because only its rising edge is critical.
5
2
10
7
1
7
12
9
4
11
12.288MHz
SYSTEM
CLOCK
CLK
74HC175
2D
1Q
CLR
3D
2Q
3Q
1D
BUSY
CLK
AD676
9
SAMPLE
2
8
9
12
6
13
1
1QD
74HC393
1CLR
2CLR
2QD
2QC
1CLK
2CLK
Figure 3.
Figure 3 also illustrates the use of a counter (74HC393) to de-
rive the AD676 SAMPLE command from the system clock
when a continuous convert mode is desirable. Pin 9 (2QC) pro-
vides a 96 kHz sample rate for the AD676 when used with a
12.288 MHz system clock. Alternately, Pin 8 (2QD) could be
used for a 48 kHz rate.
If a continuous clock is used, then the user must avoid CLK
edges at the instant of disconnecting VIN which occurs at the
falling edge of SAMPLE (see tSC specification). The duty cycle
of CLK may vary, but both the HIGH (tCH) and LOW (tCL )
phases must conform to those shown in the timing specifica-
tions. The internal comparator makes its decisions on the rising
edge of CLK. To avoid a negative edge transition disturbing the
comparator’s settling, tCL should be at least half the value of tCLK.
To also avoid transitions disturbing the internal comparator’s
settling, it is not recommended that the SAMPLE pin change
state toward the end of a CLK cycle.
During a conversion, internal dc error terms such as comparator
voltage offset are sampled, stored on internal capacitors and
used to correct for their corresponding errors when needed. Be-
cause these voltages are stored on capacitors, they are subject to
leakage decay and so require refreshing. For this reason there is
a maximum conversion time tC (1000
µs). From the time
SAMPLE goes HIGH to the completion of the 17th CLK pulse,
no more than 1000
µs should elapse for specified performance.
However, there is no restriction to the maximum time between
conversions.
Output coding for the AD676 is twos complement, as shown in
Table I. By inverting the MSB, the coding can be converted to
offset binary. The AD676 is designed to limit output coding in
the event of out-of-range inputs.
Table I. Output Coding
VIN
Output Code
>Full Scale
011 . . . 11
Full Scale
011 . . . 11
Full Scale – 1 LSB
011 . . . 10
Midscale + 1 LSB
000 . . . 01
Midscale
000 . . . 00
Midscale – 1 LSB
111 . . . 11
–Full Scale + 1 LSB
100 . . . 01
–Full Scale
100 . . . 00
<–Full Scale
100 . . . 00


Similar Part No. - AD676JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD676JD AD-AD676JD Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JD AD-AD676JD Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
More results

Similar Description - AD676JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
   100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com