Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9316401MXA Datasheet(PDF) 5 Page - Analog Devices

Part # 5962-9316401MXA
Description  12-Bit 100 kSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9316401MXA Datasheet(HTML) 5 Page - Analog Devices

  5962-9316401MXA Datasheet HTML 1Page - Analog Devices 5962-9316401MXA Datasheet HTML 2Page - Analog Devices 5962-9316401MXA Datasheet HTML 3Page - Analog Devices 5962-9316401MXA Datasheet HTML 4Page - Analog Devices 5962-9316401MXA Datasheet HTML 5Page - Analog Devices 5962-9316401MXA Datasheet HTML 6Page - Analog Devices 5962-9316401MXA Datasheet HTML 7Page - Analog Devices 5962-9316401MXA Datasheet HTML 8Page - Analog Devices 5962-9316401MXA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD1674
REV. C
–5–
(for all grades TMIN to TMAX with VCC = +15 V
10% or +12 V
5%,
VLOGIC = +5 V
10%, VEE = –15 V
10% or –12 V
5%; VIL = 0.4 V,
VIH = 2.4 V unless otherwise noted)
SWITCHING SPECIFICATIONS
CONVERTER START TIMING (Figure 1)
J, K, A, B, Grades
T Grade
Parameter
Symbol Min Typ
Max
Min Typ Max Units
Conversion Time
8-Bit Cycle
tC
78
7
8
µs
12-Bit Cycle
tC
910
9
10
µs
STS Delay from CE
tDSC
200
225 ns
CE Pulse Width
tHEC
50
50
ns
CS
to CE Setup
tSSC
50
50
ns
CS
Low During CE High tHSC
50
50
ns
R/C to CE Setup
tSRC
50
50
ns
R/C Low During CE High tHRC
50
50
ns
A0 to CE Setup
tSAC
00
ns
A0 Valid During CE High tHAC
50
50
ns
READ TIMING—FULL CONTROL MODE (Figure 2)
J, K, A, B, Grades
T Grade
Parameter
Symbol Min
Typ
Max
Min Typ Max Units
Access Time
tDD
1
75
150
75
150 ns
Data Valid After CE Low
tHD
25
2
25
2
ns
20
3
15
4
ns
Output Float Delay
tHL
5
150
150 ns
CS
to CE Setup
tSSR
50
50
ns
R/C to CE Setup
tSRR
00
ns
A0 to CE Setup
tSAR
50
50
ns
CS
Valid After CE Low
tHSR
00
ns
R/C High After CE Low
tHRR
00
ns
A0 Valid After CE Low
tHAR
50
50
ns
NOTES
1t
DD is measured with the load circuit of Figure 3 and is defined as the time
required for an output to cross 0.4 V or 2.4 V.
20
°C to T
MAX.
3At –40
°C.
4At –55
°C.
5t
HL is defined as the time required for the data lines to change 0.5 V when
loaded with the circuit of Figure 3.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
Test
VCP
COUT
Access Time High Z to Logic Low
5 V
100 pF
Float Time Logic High to High Z
0 V
10 pF
Access Time High Z to Logic High
0 V
100 pF
Float Time Logic Low to High Z
5 V
10 pF
t
HEC
CE
STS
DB11 – DB0
A0
CS
__
R/C
_
t
SSC
t
HSC
t
SRC
t
HRC
t
SAC
t
HAC
t
C
t
DSC
HIGH IMPEDANCE
Figure 1. Converter Start Timing
HIGH
IMPEDANCE
CE
STS
DB11 – DB0
A0
CS
__
R/C
_
t
HSR
t
SSR
t
HRR
t
SAR
t
HAR
t
DD
t
HL
HIGH
IMP.
DATA
VALID
t
HD
t
HS
t
SSR
Figure 2. Read Timing
VCP
DOUT
COUT
IOH
IOL
Figure 3. Load Circuit for Bus Timing Specifications


Similar Part No. - 5962-9316401MXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9312901M2A AD-5962-9312901M2A Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
5962-9312901M2A AD-5962-9312901M2A Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
5962-9312901M2A AD-5962-9312901M2A Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
5962-9312901M2A AD-5962-9312901M2A Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
5962-9312901MPA AD-5962-9312901MPA Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
More results

Similar Description - 5962-9316401MXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com