Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1031M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FIN1031M
Description  3.3V LVDS 4-Bit High Speed Differential Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1031M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FIN1031M Datasheet HTML 1Page - Fairchild Semiconductor FIN1031M Datasheet HTML 2Page - Fairchild Semiconductor FIN1031M Datasheet HTML 3Page - Fairchild Semiconductor FIN1031M Datasheet HTML 4Page - Fairchild Semiconductor FIN1031M Datasheet HTML 5Page - Fairchild Semiconductor FIN1031M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: fMAX Criteria: Input tR = tF < 1 ns, 0V to 3V, 50% Duty Cycle; Output VOD > 250 mV, 45% to 55% Duty Cycle; all output channels switching in phase.
Note 7: Test Circuits in Figure 2 and Figure 4 are simplified representations of test fixture and DUT loading.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.8
1.4
2.0
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.8
1.4
2.0
ns
HIGH-to-LOW
tTLHD
Differential Output Rise Time (20% to 80%)
RL = 100 Ω, CL = 10 pF,
0.6
0.85
1.2
ns
tTHLD
Differential Output Fall Time (80% to 20%)
See Figure 2 and Figure 3 (Note 7)
0.6
0.85
1.2
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.4
ns
tSK(LH)
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns
fMAX
Maximum Frequency (Note 6)
200
275
MHz
tZHD
Differential Output Enable Time from Z to HIGH
2.5
5.0
ns
tZLD
Differential Output Enable Time from Z to LOW
RL = 100Ω, CL = 10 pF,
2.7
5.0
ns
tHZD
Differential Output Disable Time from HIGH to Z See Figure 4 and Figure 5 (Note 7)
3.2
5.0
ns
tLZD
Differential Output Disable Time from LOW to Z
3.4
5.0
ns


Similar Part No. - FIN1031M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1031M ONSEMI-FIN1031M Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1031MTC ONSEMI-FIN1031MTC Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
More results

Similar Description - FIN1031M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com