Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1031 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FIN1031
Description  3.3V LVDS 4-Bit High Speed Differential Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1031 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FIN1031 Datasheet HTML 1Page - Fairchild Semiconductor FIN1031 Datasheet HTML 2Page - Fairchild Semiconductor FIN1031 Datasheet HTML 3Page - Fairchild Semiconductor FIN1031 Datasheet HTML 4Page - Fairchild Semiconductor FIN1031 Datasheet HTML 5Page - Fairchild Semiconductor FIN1031 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: fMAX Criteria: Input tR = tF < 1 ns, 0V to 3V, 50% Duty Cycle; Output VOD > 250 mV, 45% to 55% Duty Cycle; all output channels switching in phase.
Note 7: Test Circuits in Figure 2 and Figure 4 are simplified representations of test fixture and DUT loading.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.8
1.4
2.0
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.8
1.4
2.0
ns
HIGH-to-LOW
tTLHD
Differential Output Rise Time (20% to 80%)
RL = 100 Ω, CL = 10 pF,
0.6
0.85
1.2
ns
tTHLD
Differential Output Fall Time (80% to 20%)
See Figure 2 and Figure 3 (Note 7)
0.6
0.85
1.2
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.4
ns
tSK(LH)
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns
fMAX
Maximum Frequency (Note 6)
200
275
MHz
tZHD
Differential Output Enable Time from Z to HIGH
2.5
5.0
ns
tZLD
Differential Output Enable Time from Z to LOW
RL = 100Ω, CL = 10 pF,
2.7
5.0
ns
tHZD
Differential Output Disable Time from HIGH to Z See Figure 4 and Figure 5 (Note 7)
3.2
5.0
ns
tLZD
Differential Output Disable Time from LOW to Z
3.4
5.0
ns


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1019 3.3V LVDS High Speed Differential Driver/Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1025 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1531 5V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1017 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
DS90LV027 LVDS Dual High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn