Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1028 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FIN1028
Description  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1028 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN1028 Datasheet HTML 1Page - Fairchild Semiconductor FIN1028 Datasheet HTML 2Page - Fairchild Semiconductor FIN1028 Datasheet HTML 3Page - Fairchild Semiconductor FIN1028 Datasheet HTML 4Page - Fairchild Semiconductor FIN1028 Datasheet HTML 5Page - Fairchild Semiconductor FIN1028 Datasheet HTML 6Page - Fairchild Semiconductor FIN1028 Datasheet HTML 7Page - Fairchild Semiconductor FIN1028 Datasheet HTML 8Page - Fairchild Semiconductor FIN1028 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500503
www.fairchildsemi.com
March 2001
Revised June 2003
FIN1028
3.3V LVDS 2-Bit High Speed Differential Receiver
General Description
This dual receiver is designed for high speed interconnects
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The receiver translates LVDS levels, with a typical dif-
ferential input threshold of 100 mV, to LVTTL signal levels.
LVDS provides low EMI at ultra low power dissipation even
at high frequencies. This device is ideal for high speed
transfer of clock and data.
The FIN1028 can be paired with its companion driver, the
FIN1027, or any other LVDS driver.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.4ns maximum differential pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Fail safe protection for open-circuit, shorted and
terminated conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Flow-through pinout simplifies PCB layout
s 8-Lead SOIC and 8-terminal MLP packages save space
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Fail Safe
= Open, Shorted, Terminated
Connection Diagrams
Pin Assignment for SOIC
(Top View)
Terminal Assignments for MLP
(Top Through View)
Order Number
Package Number
Package Description
FIN1028M
(Note 1)
M08A
8-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1028MPX
(Preliminary)
MLP08C
8-Terminal Molded Leadless Package (MLP) Dual, JEDEC MO-229, 2mm Square
[TAPE and REEL]
Pin Name
Description
ROUT1, ROUT2
LVTTL Data Outputs
RIN1+, RIN2+
Non-inverting LVDS Inputs
RIN1−, RIN2−
Inverting LVDS Inputs
VCC
Power Supply
GND
Ground
Input
Outputs
RIN+
RIN+
ROUT
LH
L
HL
H
Fail Safe Condition
H


Similar Part No. - FIN1028

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
ON Semiconductor
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
Fairchild Semiconductor
Fairchild Semiconductor
FIN1028K8X FAIRCHILD-FIN1028K8X Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028M FAIRCHILD-FIN1028M Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
ON Semiconductor
ON Semiconductor
FIN1028M ONSEMI-FIN1028M Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
More results

Similar Description - FIN1028

ManufacturerPart #DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
ON Semiconductor
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
Fairchild Semiconductor
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
ON Semiconductor
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
Fairchild Semiconductor
Fairchild Semiconductor
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
ON Semiconductor
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
Fairchild Semiconductor
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
ON Semiconductor
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com