Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ2B2X7R1C104K050BA Datasheet(PDF) 7 Page - TDK Electronics

Part # CGJ2B2X7R1C104K050BA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ2B2X7R1C104K050BA Datasheet(HTML) 7 Page - TDK Electronics

Back Button CGJ2B2X7R1C104K050BA Datasheet HTML 3Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 4Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 5Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 6Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 7Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 8Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 9Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 10Page - TDK Electronics CGJ2B2X7R1C104K050BA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
• All specifications are subject to change without notice.
CGJ5(3216) [EIA CC1206]
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), X7R (±15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Capacitance
(pF)
Code
Tolerance
0.60 mm
0.85 mm
1.15 mm
1,60 mm
CGJ6(3225) [EIA CC1210]
X7S
X7R
1H
(50V)
1C
(16V)
1E
(25V)
1H
(50V)
1,000,000
1,500,000
4,700,000
6,800,000
10,000,000
105
155
475
685
106
1,60 mm
K: ± 10%
2.00 mm
2.50 mm
2.30 mm
Standard Thickness
Capacitance Range Chart
  Temperature Characteristics: X7R (±15%), X7S (±22%)
  Rated Voltage: 50V (1H), 25V (1E), 16V (1C)
Standard Thickness
C0G
X7R
1H
(50V)
1E
(25V)
1H
(50V)
1C
(16V)
1A
(10V)
0J
(6.3V)
3,900
4,700
5,600
6,800
8,200
10,000
15,000
22,000
33,000
47,000
68,000
100,000
470,000
680,000
1,000,000
1,500,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
392
472
562
682
822
103
153
223
333
473
683
104
474
684
105
155
225
335
475
685
106
J: ± 5%
K: ± 10%
Page 6
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ2B2X7R1C104K050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2X7R1C104K050BA TDK-CGJ2B2X7R1C104K050BA_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ2B2X7R1C104K050BA TDK-CGJ2B2X7R1C104K050BA_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ2B2X7R1C104K050BA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com