Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17595 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17595
Description  Peak-Current-Mode Controllers for Flyback and Boost Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17595 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17595_13 Datasheet HTML 1Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 2Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 3Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 4Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 5Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 6Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 7Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 8Page - Maxim Integrated Products MAX17595_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MAX17595/MAX17596/MAX17597
Peak-Current-Mode Controllers for
Flyback and Boost Regulators
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V (for the MAX17595, bring VIN up to 21V for startup), VCS = VSLOPE = VDITHER = VFB = VOVI = VSGND = VPGND = 0V,
VEN/UVLO = +2V; NDRV, SS, COMP are unconnected, RRT = 25kI, CVIN = 1FF, CVDRV = 1FF, TA = TJ = -40NC to +125NC, unless
otherwise noted. Typical values are at TA = TJ = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SOFT-START (SS)
Soft-Start Charging Current
ISSCH
9
10
11
F
A
SS Bias Voltage
VSS
1.19
1.21
1.23
V
NDRV DRIVER (NDRV)
Pulldown Impedance
RNDRV-N
INDRV (sinking) = 100mA
1.37
3
I
Pullup Impedance
RNDRV-P
INDRV (sourcing) = 50mA
4.26
8.5
I
Peak Sink Current
CNDRV = 10nF
1.5
A
Peak Source Current
CNDRV = 10nF
0.9
A
Fall Time
tNDRV-F
CNDRV = 1nF
10
ns
Rise Time
tNDRV-R
CNDRV = 1nF
20
ns
CURRENT-LIMIT COMPARATOR (CS)
Cycle-by-Cycle Peak
Current-Limit Threshold
VCS-PEAK
290
305
320
mV
Cycle-by-Cycle Runaway
Current-Limit Threshold
VCS-RUN
340
360
380
mV
Current-Sense Leading-
Edge Blanking Time
tCS-BLANK
From NDRV rising
# edge
70
ns
Propagation Delay from
Comparator Input to NDRV
tPDCS
From CS rising (10mV overdrive) to
NDRV falling (excluding leading
edge blanking)
40
ns
Number of Consecutive
Peak- Current-Limit Events
to Hiccup
NHICCUP-P
8
events
Number of Runaway-
Current-Limit Events to
Hiccup
NHICCUP-R
1
event
Overcurrent Hiccup
Timeout
32,768
cycle
Minimum On-Time
tON-MIN
90
130
170
ns
SLOPE COMPENSATION (SLOPE)
Slope Bias Current
ISLOPE
9
10
11
F
A
Slope Resistor Range
25
200
kI


Similar Part No. - MAX17595_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17595ATE++ MAXIM-MAX17595ATE+ Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17595EVKIT MAXIM-MAX17595EVKIT Datasheet
281Kb / 9P
   85V AC to 265V AC or 120V DC to 375V DC Input Range
Rev 2; 11/14
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
More results

Similar Description - MAX17595_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
MAX17498A MAXIM-MAX17498A Datasheet
2Mb / 28P
   AC-DC and DC-DC Peak-Current-Mode Converters for Flyback/Boost Applications
Rev 1; 3/12
MAX17498A MAXIM-MAX17498A_13 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
Rev 3; 4/13
MAX17498AATE MAXIM-MAX17498AATE Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applicatio
Rev 3; 4/13
MAX17498A MAXIM-MAX17498A_V01 Datasheet
1Mb / 20P
   AC-DC and DC-DC Peak Current-Mode Converters for Flyback/Boost Applications
2020
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Maxim Integrated Produc...
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
   Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
logo
Linear Technology
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com