Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012CH1H122K060AA Datasheet(PDF) 4 Page - TDK Electronics

Part # C2012CH1H122K060AA
Description  C Series Commercial Grade General (Up to 50V)
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012CH1H122K060AA Datasheet(HTML) 4 Page - TDK Electronics

  C2012CH1H122K060AA Datasheet HTML 1Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 2Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 3Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 4Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 5Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 6Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 7Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 8Page - TDK Electronics C2012CH1H122K060AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
EIA CC01005 [C0402]
C0G
CH
JB
1C
(16V)
1C
(16V)
1C
(16V)
1A
(10V)
0J
(6.3V)
0G
(4V)
0.20 mm
0.5
0.75
1
1.5
2
2.2
3
3.3
4
4.7
5
6
6.8
7
8
9
10
12
15
18
22
27
33
39
47
56
68
82
100
150
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
0R5
R75
010
1R5
020
2R2
030
3R3
040
4R7
050
060
6R8
070
080
090
100
120
150
180
220
270
330
390
470
560
680
820
101
151
221
331
471
681
102
152
222
332
472
682
103
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G(0 ± 30ppm/ºC), CH(0 ± 60ppm/ºC), JB(±10%)
Rated Voltage: 16V (1C), 10V (1A), 6.3V (0J),
Capacitance
(pF)
Code
Tolerance
C: ± 0.25pF
D: ± 0.50pF
J: ± 5%
K: ± 10%
M: ± 20%
Standard Thickness
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en


Similar Part No. - C2012CH1H122K060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012CH1H122K060AA TDK-C2012CH1H122K060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012CH1H122K060AA TDK-C2012CH1H122K060AA_17 Datasheet
184Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012CH1H122K060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X7R1H335K250AB TDK-C3225X7R1H335K250AB Datasheet
2Mb / 55P
   C Series Commercial Grade General (Up to 50V)
C1608CH1H221J TDK-C1608CH1H221J Datasheet
123Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C4532X7R1H685M TDK-C4532X7R1H685M Datasheet
132Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005C0G1H080D050BA TDK-C1005C0G1H080D050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H0R5C050BA TDK-C1005CH1H0R5C050BA_16 Datasheet
129Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005CH1H020B050BA TDK-C1005CH1H020B050BA_16 Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E224K050BC TDK-C1005X5R1E224K050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1E683M050BC TDK-C1005X5R1E683M050BC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H102K050BA TDK-C1005X5R1H102K050BA Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C1005X5R1H222K050BA TDK-C1005X5R1H222K050BA Datasheet
139Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com