Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1025 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FIN1025
Description  3.3V LVDS 2-Bit High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1025 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN1025 Datasheet HTML 1Page - Fairchild Semiconductor FIN1025 Datasheet HTML 2Page - Fairchild Semiconductor FIN1025 Datasheet HTML 3Page - Fairchild Semiconductor FIN1025 Datasheet HTML 4Page - Fairchild Semiconductor FIN1025 Datasheet HTML 5Page - Fairchild Semiconductor FIN1025 Datasheet HTML 6Page - Fairchild Semiconductor FIN1025 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
FIGURE 1. Differential Driver DC Test Circuit
Note A: All input pulses have frequency
= 10 MHz, t
R or tF = 1 ns
Note B: CL includes all fixture and instrumentation capacitance
FIGURE 2. Differential Driver Propagation Delay and
Transition Time Test Circuit
FIGURE 3. AC Waveforms
Note B: All input pulses have the frequency
= 10 MHz, t
R or tF = 1 ns
Note A: CL includes all fixture and instrumentation capacitance
FIGURE 4. Differential Driver Enable and
Disable Test Circuit
FIGURE 5. Enable and Disable AC Waveforms
FIGURE 6. fMAX Test Circuit


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1019 3.3V LVDS High Speed Differential Driver/Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor
FIN1017 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
DS90LV017 LVDS Single High Speed Differential Driver 1  2  3  4  National Semiconductor (TI)
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
DS90LV017A LVDS Single High Speed Differential Driver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn