Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGJ5C2C0G1H562J060AA Datasheet(PDF) 8 Page - TDK Electronics

Part # CGJ5C2C0G1H562J060AA
Description  CGJ Series High Reliability Grade General (Up to 50V)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ5C2C0G1H562J060AA Datasheet(HTML) 8 Page - TDK Electronics

Back Button CGJ5C2C0G1H562J060AA Datasheet HTML 3Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 4Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 5Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 6Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 7Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 8Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 9Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 10Page - TDK Electronics CGJ5C2C0G1H562J060AA Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0±30 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
1 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H010C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H010C080AA
1.5 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H1R5C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H1R5C080AA
2 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H020C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H020C080AA
2.2 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H2R2C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H2R2C080AA
3 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H030C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H030C080AA
3.3 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H3R3C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H3R3C080AA
4 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H040C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H040C080AA
4.7 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H4R7C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H4R7C080AA
5 pF
1005
0.50 ± 0.05
± 0.25pF
CGJ2B2C0G1H050C050BA
1608
0.80 ± 0.10
± 0.25pF
CGJ3E2C0G1H050C080AA
6 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H060D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H060D080AA
6.8 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H6R8D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H6R8D080AA
7 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H070D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H070D080AA
8 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H080D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H080D080AA
9 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H090D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H090D080AA
10 pF
1005
0.50 ± 0.05
± 0.5pF
CGJ2B2C0G1H100D050BA
1608
0.80 ± 0.10
± 0.5pF
CGJ3E2C0G1H100D080AA
12 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H120J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H120J080AA
15 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H150J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H150J080AA
18 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H180J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H180J080AA
22 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H220J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H220J080AA
27 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H270J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H270J080AA
33 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H330J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H330J080AA
39 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H390J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H390J080AA
47 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H470J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H470J080AA
56 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H560J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H560J080AA
68 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H680J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H680J080AA
82 pF
1005
0.50 ± 0.05
± 5pF
CGJ2B2C0G1H820J050BA
1608
0.80 ± 0.10
± 5pF
CGJ3E2C0G1H820J080AA
100 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H101J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H101J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H101J060AA
120 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H121J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H121J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H121J060AA
150 pF
1005
0.50 ± 0.05
± 5%
CGJ2B2C0G1H151J050BA
1608
0.80 ± 0.10
± 5%
CGJ3E2C0G1H151J080AA
2012
0.60 ± 0.15
± 5%
CGJ4C2C0G1H151J060AA
Page 7
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_highreliability_general_en


Similar Part No. - CGJ5C2C0G1H562J060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ5C2C0G1H562J060AA TDK-CGJ5C2C0G1H562J060AA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
CGJ5C2C0G1H562J060AA TDK-CGJ5C2C0G1H562J060AA_17 Datasheet
186Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGJ5C2C0G1H562J060AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R1E103K080AA TDK-CGJ3E2X7R1E103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E3X7R1C684K080AB TDK-CGJ3E3X7R1C684K080AB Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C473K080AA TDK-CGJ3E2X7R1C473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1C334K080AA TDK-CGJ3E2X7R1C334K080AA Datasheet
140Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H104K080AA TDK-CGJ3E2X7R1H104K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R0J684K080AA TDK-CGJ3E2X7R0J684K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E333K080AA TDK-CGJ3E2X7R1E333K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1E473K080AA TDK-CGJ3E2X7R1E473K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1H103K080AA TDK-CGJ3E2X7R1H103K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
CGJ3E2X7R1A105K080AA TDK-CGJ3E2X7R1A105K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( General (Up to 50V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com