Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7125-1 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7125-1
Description  30mA Low Power LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7125-1 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7125-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7125-1 Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package Information
Note that the package information provided here is for consultation purposes only. As this information may be updated
at regular intervals users are reminded to consult the Holtek website for the latest version of the package information.
Additional supplementary information with regard to packaging is listed below. Click on the relevant section to be
transferred to the relevant website page.
· Further Package Information (include Outline Dimensions, Product Tape and Reel Specifications)
· Packing Meterials Information
· Carton information
· PB FREE Products
· Green Packages Products
HT71xx-1
Rev. 2.10
10
April 30, 2013


Similar Part No. - HT7125-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7125-2 HOLTEK-HT7125-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7125-3 HOLTEK-HT7125-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
More results

Similar Description - HT7125-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Monolithic Power System...
MP2016 MPS-MP2016 Datasheet
309Kb / 10P
   42V, 30mA, Low Power Adjustable Output Linear Regulator
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com