Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT7039A-2 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT7039A-2
Description  TinyPowerTM Voltage Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7039A-2 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT7039A-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7039A-2 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
3-pin SOT89 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
¾
0.181
B
0.059
¾
0.072
C
0.090
¾
0.102
D
0.035
¾
0.047
E
0.155
¾
0.167
F
0.014
¾
0.019
G
0.017
¾
0.022
H
¾
0.059
¾
I55
¾
63
J14
¾
17
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
¾
4.60
B
1.50
¾
1.83
C
2.29
¾
2.59
D
0.89
¾
1.19
E
3.94
¾
4.24
F
0.36
¾
0.48
G
0.43
¾
0.56
H
¾
1.50
¾
I
1.40
¾
1.60
J
0.36
¾
0.43
HT70xxA-2
Rev. 1.20
11
December 14, 2012
A
E
B
C
D
H
G
F
I
J


Similar Part No. - HT7039A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7039A-2 HOLTEK-HT7039A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7039A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com