Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR5043 Datasheet(PDF) 1 Page - First Components International

Part # FR5043
Description  50 Amps BUTTON AUTO AVALANCHE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR5043 Datasheet(HTML) 1 Page - First Components International

  FR5043 Datasheet HTML 1Page - First Components International FR5043 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-65 to +175
FR5023
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
FR5035
FR5043
38-47
24-32
26~33
17~23
38~47
24~32
50
0.2
600
200
UNIT
V
V
V
V
A
A
uA
uA
oC
20~26
14~18
20~26
1.3
Maximum Peak Repetitive Reverse Voltage@Irrm=100mA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=150
oC
¬
Weight: 0.62gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
BUTTON DIODE
50 Amps BUTTON
Mechanical Dimension
Descriptions
AUTO AVALANCHE DIODES


Similar Part No. - FR5043

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR504 EIC-FR504 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
FR504 BILIN-FR504 Datasheet
80Kb / 2P
   FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
FR504 SEMTECH_ELEC-FR504 Datasheet
335Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
FR504 SYNSEMI-FR504 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
FR504 CHENYI-FR504 Datasheet
48Kb / 3P
   5 Amp fast recovery rectifier 50 to 1000 volts
More results

Similar Description - FR5043

ManufacturerPart #DatasheetDescription
logo
FCI connector
FR5023-5043 FCI-CONNECTOR-FR5023-5043 Datasheet
550Kb / 2P
   50 Amps BUTTON AUTO AVALANCHE DIODES
FR3523-3543 FCI-CONNECTOR-FR3523-3543 Datasheet
469Kb / 2P
   35 Amps BUTTON AUTO AVALANCHE DIODES
logo
First Components Intern...
FR3523 FCI-FR3523_1 Datasheet
469Kb / 2P
   35 Amps BUTTON AUTO AVALANCHE DIODES Low forward voltage drop
logo
FCI connector
SCFR3518-C3530 FCI-CONNECTOR-SCFR3518-C3530 Datasheet
451Kb / 2P
   35 Amps SOZA CELL AUTO AVALANCHE DIODES
logo
First Components Intern...
SCFR5018 FCI-SCFR5018 Datasheet
549Kb / 2P
   50 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
logo
FCI connector
SCFR5002-5006 FCI-CONNECTOR-SCFR5002-5006 Datasheet
553Kb / 2P
   50 Amps SOZA CELL AUTO DIODES
logo
First Components Intern...
SCFR3518 FCI-SCFR3518 Datasheet
451Kb / 2P
   35 Amps SOZA CELL AUTO AVALANCHE DIODES High surge current capability
SCFR5002 FCI-SCFR5002 Datasheet
553Kb / 2P
   50 Amps SOZA CELL AUTO DIODES High surge current capability
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
   50 AMP BUTTON DIODES
BUDI-5000S-1A DEC-BUDI-5000S-1A Datasheet
64Kb / 1P
   50 AMP BUTTON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com