Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1019 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FIN1019
Description  3.3V LVDS High Speed Differential Driver/Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1019 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1019 Datasheet HTML 1Page - Fairchild Semiconductor FIN1019 Datasheet HTML 2Page - Fairchild Semiconductor FIN1019 Datasheet HTML 3Page - Fairchild Semiconductor FIN1019 Datasheet HTML 4Page - Fairchild Semiconductor FIN1019 Datasheet HTML 5Page - Fairchild Semiconductor FIN1019 Datasheet HTML 6Page - Fairchild Semiconductor FIN1019 Datasheet HTML 7Page - Fairchild Semiconductor FIN1019 Datasheet HTML 8Page - Fairchild Semiconductor FIN1019 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Supply Voltage (VCC)
−0.5V to +4.6V
LVTTL DC Input Voltage (DIN, DE, RE)
−0.5V to +6V
LVDS DC Input Voltage (RIN+, RIN−)
−0.5V to 4.7V
LVTTL DC Output Voltage (ROUT)
−0.5V to +6V
LVDS DC Output Voltage (DOUT+, DOUT−)
−0.5V to 4.7V
LVDS Driver Short Circuit Current (IOSD)
Continuous
LVTTL DC Output Current (IO)
16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 6500V
ESD (Machine Model)
≥ 300V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Magnitude of Differential Voltage
(|VID|)
100 mV to VCC
Common-Mode Input Voltage (VIC)
0.05V to 2.35V
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
LVDS Differential Driver Characteristics
VOD
Output Differential Voltage
250
350
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100Ω, See Figure 1
VOS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOZD
Disabled Output Leakage Current
VOUT = VCC or GND, DE = 0V
±20
µA
IOFF
Power Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
±20
µA
IOS
Short Circuit Output Current
VOUT = 0V, DE = VCC
−8
mA
VOD = 0V, DE = VCC
±8
LVTTL Driver Characteristics
VOH
Output HIGH Voltage
IOH = −100 µA, RE = 0V,
VCC −0.2
V
See Figure 6 and Table 1
IOH = −8 mA, RE = 0V, VID = 400 mV
2.4
VID = 400 mV, VIC = 1.2V, see Figure 6
VOL
Output LOW Voltage
IOL = 100 µA, RE = 0V, VID = −400 mV
0.2
V
See Figure 6 and Table 1
IOL = −8 mA, RE = 0V, VID = −400 mV
0.5
VID = −400 mV, VIC = 1.2V, see Figure 6
IOZ
Disabled Output Leakage Current
VOUT = VCC or GND, RE = VCC
±20
µA
LVDS Receiver Characteristics
VTH
Differential Input Threshold HIGH
See Figure 6 and Table 1
100
mV
VTL
Differential Input Threshold LOW
See Figure 6 and Table 1
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
LVTTL Driver and Control Signals Characteristics
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1025 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1031 3.3V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1017 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1018 3.3V LVDS 1-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn