Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR3508 Datasheet(PDF) 1 Page - First Components International

Part # FR3508
Description  35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR3508 Datasheet(HTML) 1 Page - First Components International

  FR3508 Datasheet HTML 1Page - First Components International FR3508 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW COST
n HIGH SURGE CAPABILITY
n DIFFUSED JUNCTION
Mechanical Dimensions
n LOW LEAKAGE CURRENT
n HIGH TEMPERATURE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FR3501 . . . 3510 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 80A...V
F
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage,
150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR
Page 2-10
Data Sheet
35 Amp PLASTIC SILICON
AUTOMOTIVERECTIFIERS
Units
FR3501 FR3502 FR3503 FR3504 FR3506 FR3508 FR3510
100
200
300
400
600
800
1000
70
140
210
280
420
560
700
100
200
300
400
600
800
1000
............................................. 35 ...............................................
............................................. 400 ...............................................
......................................... -50 to 175 ..........................................
............................................. 2.0 ...............................................
............................................. 350 ...............................................
............................................. 400 ...............................................
............................................. 1.0 ...............................................
............................................. 3.0 ...............................................
< ...................... 1.08 .................. > < ............. 1.18 ............. >
Volts
Volts
Volts
Amps
Amps
°C
Volts
µAmps
µAmps
pF
°C/W
µs
Options - Add Suffix to Part #:
FR3500L = 2 Leads
For 1 Lead Small Pkg:
FR3500SC = Lead On Cathode
FR3500SA = Lead On Anode
Electrical Characteristics
. 225 / . 215


Similar Part No. - FR3508

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR3508 FCI-FR3508 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results

Similar Description - FR3508

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FDR3502N FCI-FDR3502N Datasheet
177Kb / 2P
   35 Amp Silicon Automotive Dish Rectifiers
logo
FCI connector
FDR3502-3506 FCI-CONNECTOR-FDR3502-3506 Datasheet
177Kb / 2P
   35 AMP SILICON AUTOMOTIVE DISH RECTIFIERS
logo
First Components Intern...
PFR3501 FCI-PFR3501 Datasheet
158Kb / 2P
   35 Amp Press Fit SILICON AUTOMOTIVE RECTIFIERS
FR2501 FCI-FR2501 Datasheet
140Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR5001 FCI-FR5001 Datasheet
139Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR2501 FCI-CONNECTOR-FR2501 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR2501 FCI-FR2501_1 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR5001 FCI-FR5001_1 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com