Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66FU60A Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT66FU60A
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU60A Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT66FU60A Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 14Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 15Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 16Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 17Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FU60A Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Rev. 1.00
14
�ove��e� ��� �01�
Rev. 1.00
15
�ove��e� ��� �01�
HT66FU60A/HT66FU70A
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
HT66FU60A/HT66FU70A
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
Internally Connected Pins
Amongthepinsmentionedinthetablesaboveseveralpinsarenotconnectedtoexternalpackage
pins.ThesepinsareinterconnectionpinsbetweentheMCUandtheSPItoUARTchipsandare
listedinthefollowingtable.ThedescriptionisprovidedfromtheSPItoUARTchipstandpoint.
SPI-to-UART Chip
Pin Name
Type
Description
SDI
I
Slave SPI Se�ial Data In Input Signal
Inte�nally connected to the MCU Maste� SPI SDO output signal
SDO
O
Slave SPI Se�ial Data Out Output Signal
Inte�nally connected to the MCU Maste� SPI SDI input signal
SCK
I
Slave SPI Se�ial Clock Input Signal
Inte�nally connected to the MCU Maste� SPI SCK output signal
SCS
I
Slave SPI Device Select Input Signal
Inte�nally connected to the MCU Maste� SPI SCS output signal – connected to
pull high �esisto�
CLKI
I
Clock Input Signal
Inte�nally connected to the MCU Maste� PCK output signal
I�T
O
UART Inte��upt Output Signal
Inte�nally connected to the MCU Maste� PI�T input signal
A UART �elated inte��upt will gene�ate a low pulse signal on this line


Similar Part No. - HT66FU60A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FU60 HOLTEK-HT66FU60 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU60 HOLTEK-HT66FU60 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU60 HOLTEK-HT66FU60 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU60 HOLTEK-HT66FU60 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FU60 HOLTEK-HT66FU60 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66FU60A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66FB60A HOLTEK-HT66FB60A Datasheet
3Mb / 22P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM and USB Interface
HT66F319 HOLTEK-HT66F319 Datasheet
8Mb / 185P
   Enhanced A/D Flash MCU with EEPROM and UART
HT66FB30 HOLTEK-HT66FB30 Datasheet
210Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
   Enhanced A/D Flash Type 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com