Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1018 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FIN1018
Description  3.3V LVDS 1-Bit High Speed Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1018 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN1018 Datasheet HTML 1Page - Fairchild Semiconductor FIN1018 Datasheet HTML 2Page - Fairchild Semiconductor FIN1018 Datasheet HTML 3Page - Fairchild Semiconductor FIN1018 Datasheet HTML 4Page - Fairchild Semiconductor FIN1018 Datasheet HTML 5Page - Fairchild Semiconductor FIN1018 Datasheet HTML 6Page - Fairchild Semiconductor FIN1018 Datasheet HTML 7Page - Fairchild Semiconductor FIN1018 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC / AC Typical Performance Curves
FIGURE 3. Output High Voltage vs.
Power Supply Voltage
FIGURE 4. Output Low Voltage vs.
Power Supply Voltage
FIGURE 5. Output Short Circuit Current vs.
Power Supply Voltage
FIGURE 6. Power Supply Current vs.
Frequency
FIGURE 7. Power Supply Current vs.
Ambient Temperature
FIGURE 8. Differential Propagation Delay
Power Supply Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1002 LVDS 1-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1017 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1019 3.3V LVDS High Speed Differential Driver/Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1025 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1027 3.3V LVDS 2-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn