Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1002M5X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1002M5X
Description  LVDS 1-Bit High Speed Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1002M5X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1002M5X Datasheet HTML 1Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 2Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 3Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 4Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 5Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 6Page - Fairchild Semiconductor FIN1002M5X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (RIN+, RIN−)
−0.5V to +4.6V
DC Output Voltage (DOUT)
−0.5V to +6V
DC Output Current (IO)16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Magnitude of Differential
Voltage (|VID|)
100mV to VCC
Common-mode Input
Voltage (VIC)(0V + |VID| /2) to (2.4 − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
ESD (Human Body Model)
All Pins
8kV
LVDS pins to GND
10kV
ESD (Machine Model)
400V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1; VIC = +0.05V, 1.2V, or 2.35V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, 1.2V, or 2.35V
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VOH
Output HIGH Voltage
IOH = −100 µAVCC − 0.2
3.3
V
IOH = −8 mA
2.4
3.1
VOL
Output LOW Voltage
IOH = 100 µA0.0
0.2
V
IOL = 8 mA
0.16
0.5
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
0.8
V
ICC
Power Supply Current
(RIN+ = 1V and RIN− = 1.4V), or
47
mA
(RIN+ = 1.4V and RIN− = 1V)
CIN
Input Capacitance
VCC = 3.3V
2.3
pF
COUT
Output Capacitance
VCC = 0V
2.8
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLH
Propagation Delay LOW-to-HIGH
0.9
1.5
2.5
ns
tPHL
Propagation Delay HIGH-to-LOW
0.9
1.5
2.5
ns
tTLH
Output Rise Time (20% to 80%)
|VID| = 400 mV, CL = 10 pF
0.6
ns
tTHL
Output Fall Time (80% to 20%)
See Figure 1 and Figure 2
0.5
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.02
0.4
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns


Similar Part No. - FIN1002M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1002M5X ONSEMI-FIN1002M5X Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
More results

Similar Description - FIN1002M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com