Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKG32KX7T2W224K335AH Datasheet(PDF) 3 Page - TDK Electronics

Part # CKG32KX7T2W224K335AH
Description  CKG Series Commercial Grade MEGACAP Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG32KX7T2W224K335AH Datasheet(HTML) 3 Page - TDK Electronics

  CKG32KX7T2W224K335AH Datasheet HTML 1Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 2Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 3Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 4Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 5Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 6Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 7Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 8Page - TDK Electronics CKG32KX7T2W224K335AH Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version A13
Page 2
CKG Series
MEGACAP Type
Type: CKG32K [EIA CC1210], CKG45K [EIA CC1812],
CKG45N [EIA CC1812], CKG57K [EIA CC2220], CKG57N [EIA CC2220]
Features
Applications
Shape &
Dimensions
• Twice the capacitance on single capacitor foot print.
• Lower ESR and ESL than Al caps.
• Capable of absorbing thermal and mechanical stress.
• Improved vibration performance.
Design
Structure
No.
NAME
MATERIAL
Class 2
(1) Ceramic Dielectric
BaTiO3
(2) Internal Electrode
Nickel (Ni)
(3)
Termination
Copper (Cu)
(4)
Nickel (Ni)
(5)
Tin (Sn)
(6)
Metal Cap Joint High Temp Solder
(7)
Metal Cap
42 Alloy
L
Body Length
W Body Width
T
Body Height
L
Body Length
W Body Width
T
Body Height
Single Type
Stacked Type
Series Name
Dimensions L x W (mm)
Temperature Characteristics
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Nominal Thickness
Code
Length
Width
32
3.60 ± 0.30
2.60 ± 0.30
45
5.00 ± 0.50
3.50 ± 0.50
57
6.00 ± 0.50
5.00 ± 0.50
Code
Voltage (DC)
1C
16V
1E
25V
1H
50V
2A
100V
2E
250V
2W
450V
2J
630V
Code
Tolerance
K
± 10%
M
± 20%
Code
Style
A
178” Reel, 4mm Pitch
J
330” Reel, 8mm Pitch
Temperature
Characteristics
Capacitance
Change
Temperature
Range
X5R
± 15%
-55 to +85°C
X7R
± 15%
-55 to +125°C
X7S
± 22%
-55 to +125°C
X7T
+ 22/-33%
-55 to +125°C
Part Number
Construction
CKG • 57 • N • X7S • 1C • 107 • M • 500 • J • H
Code
Thickness
290
2.90 mm
335
3.35 mm
500
5.00 mm
Special Reserved Code
Code
Description
H
MEGACAP (Std)
Structure
Code
Description
K
Single Type
N
Stacked Type
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance. The third digit identifies the
multiplier. R designates a decimal point.
Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF = 1μF
• Automotive application (EPS, ABS, EV,
HEV, LED lighting etc.)
• Smoothing circuits
• DC-DC converters
• LED, HID applications
• Temperature variable applications
• Piezoelectric-effect countermeasure
Page 2
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_megacap_en
• All specifications are subject to change without notice.


Similar Part No. - CKG32KX7T2W224K335AH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG32KX7T2W224K335AH TDK-CKG32KX7T2W224K335AH_16 Datasheet
139Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG32KX7T2W224K335AH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335M290JH TDK-CKG45KX7S2A335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A475K290JH TDK-CKG45KX7S2A475K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1E475M290JH TDK-CKG45KX7R1E475M290JH Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7T2E105K290JH TDK-CKG45KX7T2E105K290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335K290JH TDK-CKG45KX7R1H335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335M290JH TDK-CKG45KX7R1H335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2E474K290JH TDK-CKG45KX7R2E474K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2A225M290JH TDK-CKG45KX7R2A225M290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2J104K290JH TDK-CKG45KX7R2J104K290JH Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com