Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR58G Datasheet(PDF) 2 Page - First Components International

Part # FR58G
Description  5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR58G Datasheet(HTML) 2 Page - First Components International

  FR58G Datasheet HTML 1Page - First Components International FR58G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES FR50G THRU FR510G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
6.0
3.0
2.0
1.0
4.0
5.0
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
300
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
Data Sheet
Amp FAST RECOVERY
PLASTIC RECTIFIERS
5.0


Similar Part No. - FR58G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FR50 FUJITSU-FR50 Datasheet
2Mb / 206P
   32-BIT RISC MICROCONTROLLER
logo
First Components Intern...
FR5001 FCI-FR5001 Datasheet
139Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR5001 FCI-CONNECTOR-FR5001 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR5001 FCI-FR5001 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR5001 FCI-FR5001_1 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results

Similar Description - FR58G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FRF50G FCI-FRF50G Datasheet
1Mb / 2P
   5.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Nanjing International G...
FR501 DGNJDZ-FR501 Datasheet
155Kb / 2P
   5.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytesonic Electronics C...
RS5A BYTESONIC-RS5A Datasheet
282Kb / 2P
   5.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR30 FCI-FR30 Datasheet
104Kb / 2P
   3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
1N4933 FCI-1N4933 Datasheet
113Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR10G FCI-FR10G Datasheet
416Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR10 FCI-FR10 Datasheet
117Kb / 2P
   1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR20 FCI-FR20 Datasheet
156Kb / 2P
   2.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
FR60 FCI-FR60 Datasheet
102Kb / 2P
   6.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
BY396 FCI-BY396 Datasheet
110Kb / 2P
   3.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com