Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKG45NX7T2E225M500JH Datasheet(PDF) 6 Page - TDK Electronics

Part # CKG45NX7T2E225M500JH
Description  CKG Series Commercial Grade MEGACAP Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG45NX7T2E225M500JH Datasheet(HTML) 6 Page - TDK Electronics

Back Button CKG45NX7T2E225M500JH Datasheet HTML 2Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 3Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 4Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 5Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 6Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 7Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 8Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 9Page - TDK Electronics CKG45NX7T2E225M500JH Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CKG45N [EIA CC1812]
X5R
X7R
1H
(50V)
1C
(16V)
2J
(630V)
2E
(250V)
2A
(100V)
1H
(50V)
1E
(25V)
1C
(16V)
M: ± 20%
5.00 mm
X7S
X7T
2A
(100V)
1H
(50V)
1C
(16V)
2J
(630V)
2W
(450V)
2E
(250V)
M: ± 20%
220,000
470,000
1,000,000
2,200,000
3,300,000
4,700,000
6,800,000
10,000,000
22,000,000
47,000,000
224
474
105
225
335
475
685
106
226
476
334
474
684
105
155
225
685
106
226
476
330,000
470,000
680,000
1,000,000
1,500,000
2,200,000
6,800,000
10,000,000
22,000,000
47,000,000
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X5R (± 15%), X7R (± 15%), X7S (± 22%), X7T (+ 22/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A), 50V (1H), 25V (1E), 16V (1C)
Capacitance
(pF)
Code
Tolerance
Tolerance
Standard Thickness
Capacitance
(pF)
Code
Page 5
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_megacap_en
• All specifications are subject to change without notice.


Similar Part No. - CKG45NX7T2E225M500JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45NX7T2E225M500JH TDK-CKG45NX7T2E225M500JH_16 Datasheet
140Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKG45NX7T2E225M500JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335M290JH TDK-CKG45KX7S2A335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A475K290JH TDK-CKG45KX7S2A475K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1E475M290JH TDK-CKG45KX7R1E475M290JH Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7T2E105K290JH TDK-CKG45KX7T2E105K290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335K290JH TDK-CKG45KX7R1H335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335M290JH TDK-CKG45KX7R1H335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2E474K290JH TDK-CKG45KX7R2E474K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2A225M290JH TDK-CKG45KX7R2A225M290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2J104K290JH TDK-CKG45KX7R2J104K290JH Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com