Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC025AAN Datasheet(PDF) 8 Page - Texas Instruments

Part # PEC025AAN
Description  TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PEC025AAN Datasheet(HTML) 8 Page - Texas Instruments

Back Button PEC025AAN Datasheet HTML 4Page - Texas Instruments PEC025AAN Datasheet HTML 5Page - Texas Instruments PEC025AAN Datasheet HTML 6Page - Texas Instruments PEC025AAN Datasheet HTML 7Page - Texas Instruments PEC025AAN Datasheet HTML 8Page - Texas Instruments PEC025AAN Datasheet HTML 9Page - Texas Instruments PEC025AAN Datasheet HTML 10Page - Texas Instruments PEC025AAN Datasheet HTML 11Page - Texas Instruments PEC025AAN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
C3: ILb (1.00 A/div)
C2: SW (20.0 V/div)
C1: VOUT AC Coupled (20 mV/div)
Timebase (2.00 µs/div)
C4: ILa (1.00 A/div)
C3: ILb (1.00 A/div)
C2: SW (20.0 V/div)
C1: VOUT AC Coupled (50 mV/div)
Timebase = 2.00 µs/div
C4: ILa (1.00 A/div)
Test Setup and Results
www.ti.com
Figure 8 shows the TPS55340EVM-147 output voltage ripple and inductor current ripple. The output
current is the rated full load of 1A and V
IN = 18V. The ripple voltage is measured directly across the output
capacitors.
Figure 8. TPS55340EVM-147 V
IN = 18V Output Ripple
Figure 9 shows the TPS55340EVM-147 output voltage ripple, inductor current ripple and switching
waveform while operating in discontinuous conduction mode (DCM). The input voltage is 12V and the
output is loaded with 60
Ω.
Figure 9. TPS55340EVM-147 DCM Output Ripple
8
TPS55340EVM-147, 6V to 18V Input, 12V Output SEPIC Evaluation Module
SLVU742 – June 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - PEC025AAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PEC02SAAN TI1-PEC02SAAN Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PEC02SAAN TI1-PEC02SAAN Datasheet
324Kb / 9P
[Old version datasheet]   TPS7A1601EVM-046
PEC02SAAN TI1-PEC02SAAN Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
More results

Similar Description - PEC025AAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
logo
Maxim Integrated Produc...
MAX16923EVKIT MAXIM-MAX16923EVKIT_V01 Datasheet
1Mb / 7P
   6V to 18V Input Supply Voltage Range
2010
logo
Rohm
BD9G341EFJ ROHM-BD9G341EFJ Datasheet
1Mb / 27P
   12V節?6V input voltage range 3A output current
logo
Maxim Integrated Produc...
MAX761EVKIT MAXIM-MAX761EVKIT Datasheet
353Kb / 4P
   2V to 12V Input Range for 12V Output
2007
logo
National Semiconductor ...
LM5050-2 NSC-LM5050-2 Datasheet
713Kb / 6P
   EVAL Evaluation Board Minimum Input Voltage, 6V
logo
AAEON Technology
PCM-P50 AAEON-PCM-P50 Datasheet
431Kb / 1P
   50W Output, 6V to 40V DC Input Range
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Microchip Technology
MCP1665 MICROCHIP-MCP1665 Datasheet
704Kb / 24P
   MCP1665 12V Output Boost Regulator Evaluation Board
10/10/17
logo
Monolithic Power System...
EVM3680-RE-00A MPS-EVM3680-RE-00A Datasheet
493Kb / 7P
   18V 6A Step-Down Power Module Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com