Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1002 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FIN1002
Description  LVDS 1-Bit High Speed Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1002 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1002 Datasheet HTML 1Page - Fairchild Semiconductor FIN1002 Datasheet HTML 2Page - Fairchild Semiconductor FIN1002 Datasheet HTML 3Page - Fairchild Semiconductor FIN1002 Datasheet HTML 4Page - Fairchild Semiconductor FIN1002 Datasheet HTML 5Page - Fairchild Semiconductor FIN1002 Datasheet HTML 6Page - Fairchild Semiconductor FIN1002 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (RIN+, RIN−)
−0.5V to +4.6V
DC Output Voltage (DOUT)
−0.5V to +6V
DC Output Current (IO)16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Magnitude of Differential
Voltage (|VID|)
100mV to VCC
Common-mode Input
Voltage (VIC)(0V + |VID| /2) to (2.4 − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
ESD (Human Body Model)
All Pins
8kV
LVDS pins to GND
10kV
ESD (Machine Model)
400V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1; VIC = +0.05V, 1.2V, or 2.35V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, 1.2V, or 2.35V
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VOH
Output HIGH Voltage
IOH = −100 µAVCC − 0.2
3.3
V
IOH = −8 mA
2.4
3.1
VOL
Output LOW Voltage
IOH = 100 µA0.0
0.2
V
IOL = 8 mA
0.16
0.5
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
0.8
V
ICC
Power Supply Current
(RIN+ = 1V and RIN− = 1.4V), or
47
mA
(RIN+ = 1.4V and RIN− = 1V)
CIN
Input Capacitance
VCC = 3.3V
2.3
pF
COUT
Output Capacitance
VCC = 0V
2.8
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLH
Propagation Delay LOW-to-HIGH
0.9
1.5
2.5
ns
tPHL
Propagation Delay HIGH-to-LOW
0.9
1.5
2.5
ns
tTLH
Output Rise Time (20% to 80%)
|VID| = 400 mV, CL = 10 pF
0.6
ns
tTHL
Output Fall Time (80% to 20%)
See Figure 1 and Figure 2
0.5
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.02
0.4
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FIN1018 3.3V LVDS 1-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1032 3.3V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1532 5V LVDS 4-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1001 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1017 3.3V LVDS 1-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor
FIN1019 3.3V LVDS High Speed Differential Driver/Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1026 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  Fairchild Semiconductor
FIN1028 3.3V LVDS 2-Bit High Speed Differential Receiver 1  2  3  4  5  More Fairchild Semiconductor
FIN1531 5V LVDS 4-Bit High Speed Differential Driver 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn