Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCA43X7R1H471M100AA Datasheet(PDF) 7 Page - TDK Electronics

Part # CKCA43X7R1H471M100AA
Description  CKC Series Commercial Grade 4 in 1 Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCA43X7R1H471M100AA Datasheet(HTML) 7 Page - TDK Electronics

  CKCA43X7R1H471M100AA Datasheet HTML 1Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 2Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 3Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 4Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 5Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 6Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 7Page - TDK Electronics CKCA43X7R1H471M100AA Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
220 pF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1H221M085AA
470 pF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1H471M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H471M100AA
1 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1H102M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H102M100AA
2.2 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1H222M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H222M100AA
4.7 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1H472M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H472M100AA
10 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1E103M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H103M100AA
22 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1C223M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1H223M100AA
47 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R1A473M085AA
3216
1.00 ± 0.15
± 20%
CKCA43X5R1E473M100AA
100 nF
2012
0.85 ± 0.15
± 20%
3216
1.00 ± 0.15
± 20%
CKCA43X5R1C104M100AA
1 F
3216
1.00 ± 0.15
± 20%
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
Rated Voltage Edc: 10V
220 pF
2012
0.85 ± 0.15
± 20%
CKCL44JB1H221M085AA
470 pF
2012
0.85 ± 0.15
± 20%
CKCL44JB1H471M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H471M100AA
1 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1H102M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H102M100AA
2.2 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1H222M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H222M100AA
4.7 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1H472M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H472M100AA
10 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1E103M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H103M100AA
22 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1C223M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1H223M100AA
47 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB1A473M085AA
3216
1.00 ± 0.15
± 20%
CKCA43JB1E473M100AA
100 nF
3216
1.00 ± 0.15
± 20%
CKCA43JB1C104M100AA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 6.3V
100 nF
2012
0.85 ± 0.15
± 20%
CKCL44JB0J104M085AA
1 F
3216
1.00 ± 0.15
± 20%
CKCA43JB0J105M100AA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 6.3V
100 nF
2012
0.85 ± 0.15
± 20%
CKCL44X5R0J104M085AA
1 F
3216
1.00 ± 0.15
± 20%
CKCA43X5R0J105M100AA
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Page 6
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_4array_en


Similar Part No. - CKCA43X7R1H471M100AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X7R1H471M100AA TDK-CKCA43X7R1H471M100AA_16 Datasheet
206Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCA43X7R1H471M100AA

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CKCL22X7R1H103M SAMWHA-CKCL22X7R1H103M Datasheet
738Kb / 10P
   CKC Series Commercial Grade 2 in 1 Array
logo
KODENSHI_AUK CORP.
ND102M4AL KODENSHI-ND102M4AL Datasheet
186Kb / 5P
   Antenna Switching Diode Array ( 4 in 1)
logo
TDK Electronics
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Switchcraft, Inc.
280 SWITCH-280 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Kemet Corporation
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com