Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X7S3D221K085AA Datasheet(PDF) 5 Page - TDK Electronics

Part # C3216X7S3D221K085AA
Description  C Series Commercial Grade High Voltage (1000V and over)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X7S3D221K085AA Datasheet(HTML) 5 Page - TDK Electronics

  C3216X7S3D221K085AA Datasheet HTML 1Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 2Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 3Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 4Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 5Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 6Page - TDK Electronics C3216X7S3D221K085AA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• All specifications are subject to change without notice.
EIA CC1812 [C4532]
C0G
CH
JB
X7R
X7S
3F
(3KV)
3F
(3KV)
3D
(2KV)
3A
(1KV)
3D
(2KV)
3A
(1KV)
3D
(2KV)
3A
(1KV)
100
101
120
121
150
151
180
181
220
221
270
271
330
331
2,200
222
4,700
472
10,000
103
1.30 mm
1.60 mm
2.00 mm
2.30 mm
2.50 mm
EIA CC2220 [C5750]
X7S
3D
(2KV)
3A
(1KV)
4,700
472
K: ± 10%
M: ± 20%
10,000
103
22,000
223
47,000
473
1.60 mm
2.00 mm
2.50 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (± 10%), X7R (± 15%), X7S (± 22%)
Rated Voltage: 3KV (3D), 2KV (3D), 1KV (3A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
K: ± 10%
M: ± 20%
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: X7S (± 22%)
Rated Voltage: 2KV (3D), 1KV (3A)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C3216X7S3D221K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7S3D221K085AA TDK-C3216X7S3D221K085AA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C3216X7S3D221K085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F150K110KA TDK-C4520CH3F150K110KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F330K160KA TDK-C4520CH3F330K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F680K200KA TDK-C4520CH3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520X7R3A471M130KA TDK-C4520X7R3A471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F151K160KA TDK-C4532C0G3F151K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F271K230KA TDK-C4532C0G3F271K230KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F331K250KA TDK-C4532C0G3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F181K160KA TDK-C4532CH3F181K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F331K250KA TDK-C4532CH3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com