Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4520X7R3D102K130KA Datasheet(PDF) 1 Page - TDK Electronics

Part # C4520X7R3D102K130KA
Description  C Series Commercial Grade High Voltage (1000V and over)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520X7R3D102K130KA Datasheet(HTML) 1 Page - TDK Electronics

  C4520X7R3D102K130KA Datasheet HTML 1Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 2Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 3Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 4Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 5Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 6Page - TDK Electronics C4520X7R3D102K130KA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
002-01 / 20130219 / mlcc_commercial_highvoltage_en
Issue date:
January 2013
Type:
C3216 [EIA CC1206]
C3225 [EIA CC1210]
C4520 [EIA CC1808]
C4532 [EIA CC1812]
C5750 [EIA CC2220]
C Series
Commercial Grade
High Voltage (1000V and over)
MULTILAYER CERAMIC CHIP CAPACITORS


Similar Part No. - C4520X7R3D102K130KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520X7R3D102K130KA TDK-C4520X7R3D102K130KA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
C4520X7R3D102K130KA TDK-C4520X7R3D102K130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results

Similar Description - C4520X7R3D102K130KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F150K110KA TDK-C4520CH3F150K110KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F330K160KA TDK-C4520CH3F330K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F680K200KA TDK-C4520CH3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520X7R3A471M130KA TDK-C4520X7R3A471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F151K160KA TDK-C4532C0G3F151K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F271K230KA TDK-C4532C0G3F271K230KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F331K250KA TDK-C4532C0G3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F181K160KA TDK-C4532CH3F181K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F331K250KA TDK-C4532CH3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com