Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4520X7R3D471M130KA Datasheet(PDF) 7 Page - TDK Electronics

Part # C4520X7R3D471M130KA
Description  C Series Commercial Grade High Voltage (1000V and over)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C4520X7R3D471M130KA Datasheet(HTML) 7 Page - TDK Electronics

  C4520X7R3D471M130KA Datasheet HTML 1Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 2Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 3Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 4Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 5Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 6Page - TDK Electronics C4520X7R3D471M130KA Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
• All specifications are subject to change without notice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 3KV
Rated Voltage Edc: 2KV
Rated Voltage Edc: 1KV
470 pF
4520
1.30 ± 0.20
± 10%
C4520X7R3D471K130KA
C4520X7R3A471K130KA
± 20%
C4520X7R3D471M130KA
C4520X7R3A471M130KA
1 nF
4520
1.30 ± 0.20
± 10%
C4520X7R3D102K130KA
C4520X7R3A102K130KA
± 20%
C4520X7R3D102M130KA
C4520X7R3A102M130KA
2.2 nF
4532
1.30 ± 0.20
± 10%
C4532X7R3D222K130KA
± 20%
C4532X7R3D222M130KA
4.7 nF
4532
1.60 ± 0.20
± 10%
C4532X7R3A472K160KA
± 20%
C4532X7R3A472M160KA
10 nF
4532
2.00 ± 0.20
± 10%
C4532X7R3A103K200KA
± 20%
C4532X7R3A103M200KA
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 3KV
Rated Voltage Edc: 2KV
Rated Voltage Edc: 1KV
100 pF
3216
0.85 ± 0.10
± 10%
C3216X7S3D101K085AA
± 20%
C3216X7S3D101M085AA
220 pF
3216
0.85 ± 0.10
± 10%
C3216X7S3D221K085AA
± 20%
C3216X7S3D221M085AA
470 pF
3216
1.30 ± 0.10
± 10%
C3216X7S3D471K130AA
± 20%
C3216X7S3D471M130AA
1 nF
3216
0.85 ± 0.10
± 10%
C3216X7S3A102K085AA
± 20%
C3216X7S3A102M085AA
3225
2.00 ± 0.20
± 10%
C3225X7S3D102K200AA
± 20%
C3225X7S3D102M200AA
2.2 nF
3216
1.30 ± 0.10
± 10%
C3216X7S3A222K130AA
± 20%
C3216X7S3A222M130AA
3225
2.50 ± 0.30
± 10%
C3225X7S3D222K250AA
± 20%
C3225X7S3D222M250AA
4520
1.60 ± 0.20
± 10%
C4520X7S3A222K160KA
± 20%
C4520X7S3A222M160KA
4532
1.60 ± 0.20
± 10%
C4532X7S3D222K160KA
± 20%
C4532X7S3D222M160KA
4.7 nF
3225
1.60 ± 0.20
± 10%
C3225X7S3A472K160AA
± 20%
C3225X7S3A472M160AA
4520
1.60 ± 0.20
± 10%
C4520X7S3A472K160KA
± 20%
C4520X7S3A472M160KA
5750
2.00 ± 0.20
± 10%
C5750X7S3D472K200KA
± 20%
C5750X7S3D472M200KA
10 nF
4532
1.60 ± 0.20
± 10%
C4532X7S3A103K160KA
± 20%
C4532X7S3A103M160KA
5750
2.50 ± 0.30
± 10%
C5750X7S3D103K250KA
± 20%
C5750X7S3D103M250KA
22 nF
5750
1.60 ± 0.20
± 10%
C5750X7S3A223K160KA
± 20%
C5750X7S3A223M160KA
47 nF
5750
2.50 ± 0.30
± 10%
C5750X7S3A473K250KA
± 20%
C5750X7S3A473M250KA
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Class 2 (Temperature Stable)
Temperature Characteristics: X7S (-55 to +125ºC, ±22%)
Page 6
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130219 / mlcc_commercial_highvoltage_en


Similar Part No. - C4520X7R3D471M130KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520X7R3D471M130KA TDK-C4520X7R3D471M130KA Datasheet
1Mb / 7P
   MULTILAYER CERAMIC CHIP CAPACITORS
C4520X7R3D471M130KA TDK-C4520X7R3D471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results

Similar Description - C4520X7R3D471M130KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4520C0G3F680K200KA TDK-C4520C0G3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F150K110KA TDK-C4520CH3F150K110KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F330K160KA TDK-C4520CH3F330K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520CH3F680K200KA TDK-C4520CH3F680K200KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4520X7R3A471M130KA TDK-C4520X7R3A471M130KA_16 Datasheet
138Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F151K160KA TDK-C4532C0G3F151K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F271K230KA TDK-C4532C0G3F271K230KA_16 Datasheet
131Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532C0G3F331K250KA TDK-C4532C0G3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F181K160KA TDK-C4532CH3F181K160KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
C4532CH3F331K250KA TDK-C4532CH3F331K250KA_16 Datasheet
130Kb / 1P
   Commercial Grade ( High Voltage (1000V and over) )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com