Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKG45KX7S2A335K290JH Datasheet(PDF) 10 Page - TDK Electronics

Part # CKG45KX7S2A335K290JH
Description  CKG Series Commercial Grade MEGACAP Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKG45KX7S2A335K290JH Datasheet(HTML) 10 Page - TDK Electronics

Back Button CKG45KX7S2A335K290JH Datasheet HTML 2Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 3Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 4Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 5Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 6Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 7Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 8Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 9Page - TDK Electronics CKG45KX7S2A335K290JH Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 630V
Rated Voltage Edc: 450V
Rated Voltage Edc: 250V
100 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7T2J104K335AH
± 20%
CKG32KX7T2J104M335AH
150 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7T2J154K335AH
± 20%
CKG32KX7T2J154M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7T2J154K290JH
± 20%
CKG45KX7T2J154M290JH
220 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7T2W224K335AH
± 20%
CKG32KX7T2W224M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7T2J224K290JH
± 20%
CKG45KX7T2J224M290JH
330 nF
3225
3.35 ± 0.10
± 10%
CKG32KX7T2E334K335AH
± 20%
CKG32KX7T2E334M335AH
4532
2.90 ± 0.10
± 10%
CKG45KX7T2W334K290JH
± 20%
CKG45KX7T2W334M290JH
5.00 ± 0.50
± 20%
CKG45NX7T2J334M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2J334K335JH
± 20%
CKG57KX7T2J334M335JH
470 nF
4532
2.90 ± 0.10
± 10%
CKG45KX7T2W474K290JH
± 20%
CKG45KX7T2W474M290JH
5.00 ± 0.50
± 20%
CKG45NX7T2J474M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2J474K335JH
± 20%
CKG57KX7T2J474M335JH
680 nF
4532
2.90 ± 0.10
± 10%
CKG45KX7T2E684K290JH
± 20%
CKG45KX7T2E684M290JH
5.00 ± 0.50
± 20%
CKG45NX7T2W684M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2W684K335JH
± 20%
CKG57KX7T2W684M335JH
5.00 ± 0.50
± 20%
CKG57NX7T2J684M500JH
1 F
4532
2.90 ± 0.10
± 10%
CKG45KX7T2E105K290JH
± 20%
CKG45KX7T2E105M290JH
5.00 ± 0.50
± 20%
CKG45NX7T2W105M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2W105K335JH
± 20%
CKG57KX7T2W105M335JH
5.00 ± 0.50
± 20%
CKG57NX7T2J105M500JH
1.5 F
4532
5.00 ± 0.50
± 20%
CKG45NX7T2E155M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2E155K335JH
± 20%
CKG57KX7T2E155M335JH
5.00 ± 0.50
± 20%
CKG57NX7T2W155M500JH
2.2 F
4532
5.00 ± 0.50
± 20%
CKG45NX7T2E225M500JH
5750
3.35 ± 0.15
± 10%
CKG57KX7T2E225K335JH
± 20%
CKG57KX7T2E225M335JH
5.00 ± 0.50
± 20%
CKG57NX7T2W225M500JH
3.3 F
5750
5.00 ± 0.50
± 20%
CKG57NX7T2E335M500JH
Class 2 (Temperature Stable)
Temperature Characteristics: X7T (-55 to +125ºC, +22/-33%)
Page 9
MULTILAYER CERAMIC CHIP CAPACITORS
002-01 / 20130328 / mlcc_commercial_megacap_en
• All specifications are subject to change without notice.


Similar Part No. - CKG45KX7S2A335K290JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results

Similar Description - CKG45KX7S2A335K290JH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKG45KX7S2A335M290JH TDK-CKG45KX7S2A335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A475K290JH TDK-CKG45KX7S2A475K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1E475M290JH TDK-CKG45KX7R1E475M290JH Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7T2E105K290JH TDK-CKG45KX7T2E105K290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335K290JH TDK-CKG45KX7R1H335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R1H335M290JH TDK-CKG45KX7R1H335M290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2E474K290JH TDK-CKG45KX7R2E474K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7S2A335K290JH TDK-CKG45KX7S2A335K290JH_16 Datasheet
139Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2A225M290JH TDK-CKG45KX7R2A225M290JH_16 Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
CKG45KX7R2J104K290JH TDK-CKG45KX7R2J104K290JH Datasheet
140Kb / 1P
   Commercial Grade ( MEGACAP Type )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com